Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPBA01B Datasheet(PDF) 5 Page - Generalplus Technology Inc.

Part # GPBA01B
Description  Bus Extender
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPBA01B Datasheet(HTML) 5 Page - Generalplus Technology Inc.

  GPBA01B Datasheet HTML 1Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 2Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 3Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 4Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 5Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 6Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 7Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 8Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
GPBA01B
© Generalplus Technology Inc.
Proprietary & Confidential
5
MAY 28, 2007
Version: 1.1
5. SIGNAL DESCRIPTIONS
Mnemonic
History alias
PIN No.
Type
Description
CI
PCI
17
I
Cascade in for daisy chain
CO
PCO
16
O
Cascade out for daisy chain
AD7 - AD0
PD7 - PD0
4 - 11
I/O
Multiplexing Address/Data bus(AD BUS)
MC1, MC0
PMC1, PMC0
1, 2
I
Input pins to indicate AD bus status
P27(
CE0 )
P26 - P20
XP27 - XP20
27
26 - 20
I/O
P2 are short for P27-P20.
Memory extender
P27(
CE0 ): Memory-0 chip-enable pin
P26-P20: Memory offset address A[14:8].
I/O extender
Input Mode: Pull-low internal
Output Mode: Pure
P17 - P10
XP17 - XP10
37 - 44
I/O
P1 are short for P17-P10.
Memory extender
P17-P10: Memory offset address A[7:0].
I/O extender
Input Mode: Pull-low internal
Output Mode: Pure
P07(
CE1)
P06( CE2 )
P05 - P00
XP07 - XP00
28
29
30 - 35
I/O
P0 are short for P07-P00.
Memory extender
P07( CE1 ): Memory-1 chip-enable pin
P06/( CE2 ): Memory-2 chip-enable pin
P06-P00: Memory bank address B[6:0], GPBA01B support up to 128
banks, each bank is 32K bytes.
I/O extender
Input Mode: Pull-low internal
Output Mode: Pure
OSCO( OE )
PRDZ
18
O
Memory extender
OSCO( OE ): External memories output-enable signal
I/O extender
Output only: 1.84MHz oscillator output
P55( WE )
PWRZ
19
O
Memory extender
P55( WE ): External memories write-enable signal
I/O extender
Output only control by B5 of $0023
XI
XTAL1
12
I
1.84 MHz crystal input (20p capacitor required)
XO
XTAL2
13
O
1.84 MHz crystal output (20p capacitor required)
CLKO
ICLK
15
O
Clock divider output
VDD
36
I
Positive supply
VSS
3
I
Ground reference
DVP
14
I
Test mode, please leave it open.
Pull-low internal.
Note1: Fully compatible with GPBA01A, expect DVP mode is discarded.
Note2: There are built-in pull low resistors at all input and bi-direction pins except AD [7:0], MC0, MC1, CI.
The pull low resistors of bi-direction pin are
disabled when working in output mode.
Note3: Internal pull-low resistor with value of approx. 37K Ohms @ VDD = 5.0V; 78K Ohms @ VDD = 3.0V.
Note4: Generalplus strongly recommend user use Mnemonic name instead of History alias for easy understanding.
Note5: Physical addresses are concatenated from {B [6:0], A [14:8], A [7:0]}.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com