Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPBA01B Datasheet(PDF) 4 Page - Generalplus Technology Inc.

Part # GPBA01B
Description  Bus Extender
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPBA01B Datasheet(HTML) 4 Page - Generalplus Technology Inc.

  GPBA01B Datasheet HTML 1Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 2Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 3Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 4Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 5Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 6Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 7Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 8Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
GPBA01B
© Generalplus Technology Inc.
Proprietary & Confidential
4
MAY 28, 2007
Version: 1.1
BUS EXTENDER
1. GENERAL DESCRIPTION
GPBA01B,
a
low
cost
8-bit
bus
extender
(BEX)
by
GENERALPLUS, manipulates two pins, MC0 and MC1, to receive
the multiplexed 8-bit address/data bus from main processor, e.g.
GENERALPLUS GPL13x and GPLB3x and…etc.
GPBA01B is
able to facilitate the expansion of memory capacity up to 4M bytes
of RAM/ROM/EPROM/FLASH, or 25 I/O pins.
Users may
concatenate numbers of GPBA01B (up to 7) to fit application
needs.
Plus, GPBA01B equips a Clock divider to easily generate
clock for IR application or any other applications.
As compared
with GPBA01A, majority of functions are identical, but AC
characteristics have better performance and DVP mode is phased
out.
2. FEATURES
Fully compatible with GPBA01A expect DVP mode
A speed-up version of bus extender*:
One GPBA01B Expansible up to 4M bytes or 25I/Os.
Daisy chain logic concatenates up to 7 extenders
Supports varieties of memory types: SRAM, ROM, EPROM,
EEPROM and FLASH
Note: when co-work with Generalplus controller, e.g. GPL13X or GPLB3X
series and GPR23LXXX Mask ROM series, it is applicable to
4MHz@2.4V 6MHz@3.6V.
3. APPLICATION FIELD
Memory extension, I/O extension for data bank and any others.
4. BLOCK DIAGRAM
4.1. Work as Memory Extender
MC[1:0]
AD[7:0]
GPBA01B
CI
OUT
MC[1:0]
AD[7:0]
MPU
2
AT29C040
D[7:0]
A[21:0]
CE
OE
WE
A[21:0]
CE
OE
WE
Flash
Memory
GPL131/GPLB31,...)
4.2. Work as I/O Extender
MC[1:0]
AD[7:0]
GPBA01B
CI
OUT
MC[1:0]
AD[7:0]
MPU
2
Key Matrix
P17-P10
P27-P20
P07-P00
(GPL131/GPLB31,...)
4.3. GPBA01B Block Diagram
A/D bus
control
Address
latch
Register
Bank
Daisy chain
IO/Addr
Multiplexing
Clock
Divider
MC1
MC0
AD[7:0]
XI
XO CLKO
CI
ce z
wrz
rdz
a[15:0]
d[7:0]
AHG
ALG
P0[7:0]
P1[7:0]
P2[7:0]
P55(WE)
OSCO(OE)
CO
P0[6:0](B[7:0])
P27(CE0)
P07(CE1)
P06(CE2)
P1[7:0](A[7:0])
P2[6:0](A[14:8])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com