Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPBA01B Datasheet(PDF) 6 Page - Generalplus Technology Inc.

Part # GPBA01B
Description  Bus Extender
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPBA01B Datasheet(HTML) 6 Page - Generalplus Technology Inc.

Back Button GPBA01B Datasheet HTML 2Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 3Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 4Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 5Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 6Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 7Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 8Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 9Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 10Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
GPBA01B
© Generalplus Technology Inc.
Proprietary & Confidential
6
MAY 28, 2007
Version: 1.1
6. FUNCTIONAL DESCRIPTIONS
6.1. The Easiest System
Bus extender (BEX) plays a role as an interface between MPU
(GPLB31, GPL131…) and general-purposed (third-party) memory
products.
In fact, the BEX is a bus translator that translates the
AD bus of BMI
tm to the general-purposed memory bus.
Below figure show the easiest way to use GPBA01B, the MPU
send 11 signals to GPBA01B, GPBA01B latch the address and
then send it to AT29C040 flash memory, GPBA01B also have
responsibility to generate CE , OE , WE to the memory.
On
read cycle, the memory output the data at the common bus
(AD7-AD0); while write cycle, GPL131 drive the written-data to
AD7-AD0.
The
AD
bus
(AD7-AD0)
may
Address
High-Byte
(AH),
Address-Low-Byte (AL) and 8-bit bi-direction data.
Also, the AD
bus is common for MPU, GPBA01B, and memory.
All of these
may drive the bus depending on MC1, MC0 status.
MC[1:0]
AD[7:0]
GPBA01B
CI
OUT
MC[1:0]
AD[7:0]
MPU
2
AT29C040
D[7:0]
A[21:0]
CE
OE
WE
A[21:0]
CE
OE
WE
Flash
Memory
GPL131/GPLB31,...)
6.2. Address/Data Bus Control
The GPBA01B (Bus extender) is a bridge between MPU
(GPL130A,
GPLB31A…)
and
general-purposed
(third-party)
memory products. The MC1 and MC0 are the control signals for
AD7-AD0, which can be three states: Address High-Byte (AH),
Address-Low-Byte (AL) and 8-bit bi-direction data.
When MC1 is high, AD [7:0] functions as an address-bus,
otherwise the AD [7:0] becomes a data-bus.
In address-bus
mode, AD [7:0] signifies high-address, A [15:8], when MC0 is high;
in contrast, AD [7:0] expresses low-address, A [7:0], when MC0 is
low.
In data-bus mode, AD [7:0] represents data, D [7:0], which
will be read from CPU when MC0 is high and CPU writes data to
AD [7:0] when MC0 is low.
P0, P1, P2, WE , OE can be utilized as address-line, chip-enable,
output-enable or write-enable for addressing external memory chip
(please
refer
to
Bus
Extender
Pin
Assignment
for
8
configurations
).
The number of pins needed for addressing
depends on configuration and the remaining pins used for I/O port.
When
used
as
memory
extender,
chip-enable
( CE ),
output-enable ( OE ) and write-enable ( WE ) operate in negative
logic (voltage low stands for active, and voltage high stands for
inactive).
The address lines include A [14:0] (presenting CPU
address) and B [6:0] (presenting bank register).
6.2.1. Decode table
MC1 decides AD bus to be address or data bus, and MC0 decides
operation mode (Read or Write).
MC1
MC0
AD BUS
H
H
AH
H
L
AL
L
H
Data for Read
L
L
Data for Write
6.2.2. Timing relations between control signals, AH, AL
and data.
MC0
Read Cycle:
MC1
AD
AH
AL
DATA for read
Write Cycle:
MC0
MC1
AD
AH
AL
DATA for write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com