Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPBA01B Datasheet(PDF) 9 Page - Generalplus Technology Inc.

Part # GPBA01B
Description  Bus Extender
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPBA01B Datasheet(HTML) 9 Page - Generalplus Technology Inc.

Back Button GPBA01B Datasheet HTML 5Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 6Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 7Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 8Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 9Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 10Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 11Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 12Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 13Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
GPBA01B
© Generalplus Technology Inc.
Proprietary & Confidential
9
MAY 28, 2007
Version: 1.1
After step 9, the status of BEXA and BEXB are as following
CO
MC[1:0]
AD[7:0]
BEXA
CI
OUT
MC[1:0]
AD[7:0]
MPU
CO
MC[1:0]
AD[7:0]
BEXB
CI
2
0
0
0
0
VID =3
SID=5
VID =5
SID=5
active!!
6.5.2. Configuration
BEX has two modes: memory extender (major mode), and I/O
extender.
As we use the BEX, we need to set configuration
register immediately after volume-id is given.
Writing to B[7:5] of
$0023H establishes the GPBA01B configurations.
.
When GPBA01B works as memory extender, it can extend from 1
to 3 memories, depending configuration.
Please refer to
Register description
chapter.
When using as I/O extender, P0, P1 and P2 are bi-directional pins.
The value written to B[4:0] of $0023H defines directions.
Logical
“1” stands for output and logical “0” stands for input.
Specially,
P55 ( WE ) and OSCO (
OE ) cannot operate in input direction.
6.6. Clock Divider
Writing to PS [1:0] (B [5:4] of register $0021H) and CDP [7:0]
(register $0022H) sets the frequency of CLKO out.
Writing a
logical one to OSCE (B7 of register $0021H) makes the crystal
oscillator enable.
Writing a logical zero to OSCE makes the
crystal oscillator disable, and reduces power consumption.
When
both OSCE and CLKOE are logical one, CLKO is enabled.
Div ide m
Div ide n
Div ide 2
CLKO
Cry stal
oscillator
XI
XO
OSCO
OSCE
CLKOE
OSCO
CLKO
0
X
H
L
1
0
Freq1
L
1
1
Freq1
Freq2
Freq1 is dependent on crystal.
Freq2 = freq1/ (m*n*2), where n=2^PS [1:0],
m=256-(CDP [7:0] value)
OSCO is available in CFG0 and CFG1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com