Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS18LV02565BC-55 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CS18LV02565BC-55
Description  HIGH SPEED SUPER LOW POWER SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS18LV02565BC-55 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CS18LV02565BC-55 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
High Speed Super Low Power SRAM
32K-Word By 8 Bit
CS18LV02565
4
Rev. 2.0
Chiplus reserves the right to change product or specification without notice.
PIN DESCRIPTIONS
Name
Type
Function
A0 – A14
Input
Address inputs for selecting one of the 32,768 x 8 bit words in the RAM
/CE
Input
/CE is active LOW. Chip enable must be active when data read from or write
to the device. If chip enable is not active, the device is deselected and in a
standby power mode. The DQ pins will be in high impedance state when the
device is deselected.
/WE
Input
The Write enable input is active LOW. It controls read and write operations.
With the chip selected, when /WE is HIGH and /OE is LOW, output data will
be present on the DQ pins, when /WE is LOW, the data present on the DQ
pins will be written into the selected memory location.
/OE
Input
The output enable input is active LOW. If the output enable is active while the
chip is selected and the write enable is inactive, data will be present on the
DQ pins and they will be enabled. The DQ pins will be in the high impedance
state when /OE is inactive.
DQ0~DQ7
I/O
These 8 bi-directional ports are used to read data from or write data into the
RAM.
Vcc
Power
Power Supply
Gnd
Power
Ground
TRUTH TABLE
Mode
/CE
/WE
/OE
DQ0~7
Vcc Current
Standby
H
X
X
High Z
ICCSB, ICCSB1
Output Disabled
L
H
H
High Z
ICC
Read
L
H
L
DOUT
ICC
Write
L
L
X
DIN
ICC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com