Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS18LV02565BC-55 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CS18LV02565BC-55
Description  HIGH SPEED SUPER LOW POWER SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS18LV02565BC-55 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CS18LV02565BC-55 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
High Speed Super Low Power SRAM
32K-Word By 8 Bit
CS18LV02565
5
Rev. 2.0
Chiplus reserves the right to change product or specification without notice.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Rating
Unit
VTERM
Terminal Voltage with Respect to GND
-0.5 to Vcc+0.5
V
TBIAS
Temperature Under Bias
-40 to +125
OC
TSTG
Storage Temperature
-60 to +150
OC
PT
Power Dissipation
1.0
W
IOUT
DC Output Current
20
mA
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
OPERATING RANGE
Range
Ambient Temperature
Vcc
Commercial
0~70oC
4.5~5.5V
Industrial
-40~85oC
4.5~5.5V
CAPACITANCE(1)(TA=25℃,f=1.0MHz)
Symbol
Parameter
Conduction
MAX.
Unit
CIN
Input Capacitance
VIN=0V
6
pF
CDQ
Input/Output Capacitance
VI/O=0V
8
pF
1. This parameter is guaranteed, and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com