Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS18LV02565BC-55 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CS18LV02565BC-55
Description  HIGH SPEED SUPER LOW POWER SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS18LV02565BC-55 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CS18LV02565BC-55 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 10Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 11Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
High Speed Super Low Power SRAM
32K-Word By 8 Bit
CS18LV02565
8
Rev. 2.0
Chiplus reserves the right to change product or specification without notice.
AC ELECTRICAL CHARACTERISTICS ( TA = 0o ~70oC, Vcc = 5.0V )
< READ CYCLE >
-55
-70
JEDEC
Name
Symbol
Description
MIN
MAX
MIN
MAX
Unit
tAVAX
tRC
Read Cycle Time
55
70
ns
tAVQV
tAA
Address Access Time
55
70
ns
tELQV
tACE
Chip Select Access Time
55
70
ns
tGLQV
tOE
Output Enable to Output
Valid
30
50
ns
tELQX
tCLZ
Chip Select to Output Low Z
10
10
ns
tGLQX
tOLZ
Output Enable to Output in
Low Z
5
5
ns
tEHQZ
tCHZ
Chip Deselect to Output in
High Z
0
35
0
35
ns
tGHQZ
tOHZ
Output Disable to Output in
High Z
0
30
0
30
ns
tAXOX
tOH
Address Change to Out
Disable
10
10
ns
SWITCHING WAVEFORMS (READ CYCLE)
READ CYCLE1 (1,2,4)
t
AA
t
OH
t
OH
t
RC
ADDRESS
D
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com