Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS18LV02565BC-55 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CS18LV02565BC-55
Description  HIGH SPEED SUPER LOW POWER SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS18LV02565BC-55 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CS18LV02565BC-55 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 10Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
High Speed Super Low Power SRAM
32K-Word By 8 Bit
CS18LV02565
7
Rev. 2.0
Chiplus reserves the right to change product or specification without notice.
LOW Vcc DATA RETENTION WAVEFORM ( /CE Controlled )
Data Retention Mode
V
DR >= 1.5V
t
CDR
t
R
VIH
VIH
CE >= V
CC - 0.2V
Vcc
CE
AC TEST CONDITIONS
KEY TO SWITCHING WAVEFORMS
Input Pulse Levels
Vcc/0V
WAVEFORMS
INPUTS
OUTPUTS
Input Rise and Fall Times
5ns
MUST BE STEADY MUST BE STEADY
Input and Output Timing
Reference Level
0.5Vcc
MAY CHANGE
FROM H TO L
WILL BE CHANGE FROM H
TO L
MAY CHANGE
FROM L TO H
WILL BE CHANGE FROM L
TO H
DON’T CARE ANY
CHANGE
PERMITTED
CHANGE STATE
UNKNOWN
DOES NOT APPLY
CENTER LINE IS HIGH
IMPEDANCE OFF STATE
AC TEST LOADS AND WAVEFORMS
FIGURE 1A
FIGURE 1B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com