Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS18LV02565BC-55 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CS18LV02565BC-55
Description  HIGH SPEED SUPER LOW POWER SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS18LV02565BC-55 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CS18LV02565BC-55 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS18LV02565BC-55 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
High Speed Super Low Power SRAM
32K-Word By 8 Bit
CS18LV02565
6
Rev. 2.0
Chiplus reserves the right to change product or specification without notice.
DC ELECTRICAL CHARACTERISTICS
( TA = 0
o ~70oC, Vcc = 5.0V)
Name
Parameter
Test Condition
MIN
TYP(1)
MAX Unit
VIL
Guaranteed Input Low
Voltage
(2)
Vcc=5.0V
-0.5
1.5
V
VIH
Guaranteed Input High
Voltage
(2)
Vcc=5.0V
2.5
Vcc+0.2
V
IIL
Input Leakage Current
VCC=MAX, VIN=0 to VCC
-1
1
uA
IOL
Output Leakage Current
VCC=MAX, /CE=VIN, or
/OE=VIN , VIO=0V to VCC
-1
1
uA
VOL
Output Low Voltage
VCC=MAX, IOL = 1mA
0.4
V
VOH
Output High Voltage
VCC=MIN, IOH = -1mA
2.2
V
ICC
Operating Power Supply
Current
/CE=VIL, IDQ=0mA,
F=FMAX =1/ tRC
20
mA
ICCSB TTL Standby Supply
/CE=VIH, IDQ=0mA,
1
mA
ICCSB1 CMOS Standby Current
/CE≧VCC-0.2V, VIN≧
VCC-0.2V or VIN≦0.2V,
1.0
4
uA
1. Typical characteristics are at TA = 25
oC.
2. These are absolute values with respect to device ground and all overshoots due to system or tester notice are included.
DATA RETENTION CHARACTERISTICS ( TA = 0o ~70oC, Vcc = 5.0V )
Name
Parameter
Test Condition
MIN TYP(1) MAX
Unit
VDR
VCC for Data Retention
/CE ≧ VCC-0.2V, VIN ≧
VCC-0.2V or VIN≦0.2V
1.5
V
ICCDR
Data Retention Current
/CE≧VCC-0.2V, VIN≧
VCC-0.2V or VIN≦0.2V
0.5
3
uA
TCDR
Chip Deselect to Data
Retention Time
0
ns
tR
Operation Recovery Time
Refer to
Retention Waveform
tRC (2)
ns
1. TA = 25
oC.
2.
tRC= .Read Cycle Time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com