Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB18AFAM10 Datasheet(PDF) 7 Page - Banner Engineering Corp.

Part # SMB18AFAM10
Description  MINI-BEAM SME312 Expert Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB18AFAM10 Datasheet(HTML) 7 Page - Banner Engineering Corp.

Back Button SMB18AFAM10 Datasheet HTML 3Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 4Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 5Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 6Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 7Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 8Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 9Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 10Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 11Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Glass Fiber Models
(Suffix F, FV, FVB, FVG, FVW)
M18 x 1 x 19 mm Thread
(Mounting Nut Supplied)
57.5 mm (2.27")
31.2 mm (1.23")
Fiber Optic Fitting
Plastic Fiber Models
(Suffix FP, FPB, FPG, FPH, FPW)
3.2 mm (0.13”)
12.2 mm (0.48”)
3 mm dia clearance (2)
Fiber
Optic
Fitting
22.3 mm
(0.88”)
16.2 mm
(0.64”)
42.1 mm
(1.66”)
19.1 mm
(0.75”)
Mounting Peg
(6.3 mm dia × 2.5 mm)
2 m (6.5’) Cable
30.7 mm
(1.21”)
24.1 mm
(0.95”)
QD Models
20.0 mm
(0.79”)
12 mm Thread
Quick-disconnect
Performance Curves
Retroreflective
Excess Gain
Beam Pattern
Excess Gain
Beam Pattern
1
10
100
1000
.10 m
.33'
1.0 m
3.3'
10 m
33'
.01 m
.033'
E
X
C
E
S
S
G
A
I
N
DISTANCE
SME312LV
Retroreflective Mode
5 m
15'
4 m
12'
3 m
9'
2 m
6'
1 m
3'
0
0
25 mm
50 mm
75 mm
25 mm
50 mm
75 mm
0
1.0"
2.0"
3.0"
1.0"
2.0"
3.0"
DISTANCE
SME312LV
Retroreflective Mode
1
10
100
0.1 m
0.3'
1 m
3'
10 m
30'
.01 m
0.03'
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
SME312LP
Retroreflective Mode
3.0 m
10'
2.4 m
8'
1.8 m
6'
1.2 m
4'
.6 m
2'
0
0
20 mm
40 mm
60 mm
20 mm
40 mm
60 mm
0
0.8"
1.6"
2.4"
0.8"
1.6"
2.4"
DISTANCE
SME312LP
Retroreflective Mode
1
10
100
.1 m
.33'
1.0 m
3.3'
10.0 m
33'
.01 m
.033'
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
SME312LPC
Retroreflective
Mode
with BRT-2X2
Reflector
with BRT-77X77
Reflector
2.5 m
8.3'
2 m
6.6'
1.5 m
5'
1 m
3.3'
.5 m
1.7'
0
0
50 mm
100 mm
150 mm
50 mm
100 mm
150 mm
0
2"
4"
6"
2"
4"
6"
DISTANCE
SME312LPC
Retroreflective Mode
with BRT-2X2
Reflector
with BRT-77X77
Reflector
MINI-BEAM SME312 Expert Series
P/N 55214 Rev. G
www.bannerengineering.com - Tel: +1-763-544-3164
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com