Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB18AFAM10 Datasheet(PDF) 11 Page - Banner Engineering Corp.

Part # SMB18AFAM10
Description  MINI-BEAM SME312 Expert Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB18AFAM10 Datasheet(HTML) 11 Page - Banner Engineering Corp.

Back Button SMB18AFAM10 Datasheet HTML 5Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 6Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 7Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 8Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 9Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 10Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 11Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 12Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 13Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
5-Pin Euro-Style Cordsets
5-Pin Threaded M12/Euro-Style Cordsets—Single Ended
Model
Length
Style
Dimensions
Pinout (Female)
MQDC1-501.5
0.50 m (1.5 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
5
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
MQDC1-506
1.83 m (6 ft)
MQDC1-515
4.57 m (15 ft)
MQDC1-530
9.14 m (30 ft)
MQDC1-506RA
1.83 m (6 ft)
Right-Angle
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
MQDC1-515RA
4.57 m (15 ft)
MQDC1-530RA
9.14 m (30 ft)
Mounting Brackets
SMB46L
•
Right-angle
•
L bracket
•
14-ga. 316 stainless
steel
65
54
27
A
Hole center spacing: A = 16.0
Hole size: A = 16.5 × 18.7
SMB46S
•
Right-angle
•
S bracket
•
14-ga. 316 stainless
steel
54
43
65
16
A
B
Hole center spacing: A = 16.0
Hole size: A = 16.5 × 18.7, B = 34.0 × 10.0
SMB46U
•
Right-angle
•
U bracket for sensor
protection
•
14-ga. 316 stainless
steel
70
54
65
16
A
B
Hole center spacing: A = 16.0
Hole size: A = 16.5 × 18.7, B = 34.0 × 13.0
SMB18A
•
Right-angle mounting
bracket with a curved
slot for versatile
orientation
•
12-ga. stainless steel
•
18 mm sensor mounting
hole
•
Clearance for M4 (#8)
hardware
30
41
46
A
B
C
Hole center spacing: A to B = 24.2
Hole size: A = ø 4.6, B = 17.0 × 4.6, C = ø 18.5
MINI-BEAM SME312 Expert Series
P/N 55214 Rev. G
www.bannerengineering.com - Tel: +1-763-544-3164
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com