Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB18AFAM10 Datasheet(PDF) 10 Page - Banner Engineering Corp.

Part # SMB18AFAM10
Description  MINI-BEAM SME312 Expert Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB18AFAM10 Datasheet(HTML) 10 Page - Banner Engineering Corp.

Back Button SMB18AFAM10 Datasheet HTML 5Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 6Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 7Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 8Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 9Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 10Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 11Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 12Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 13Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Excess Gain
Beam Pattern
Excess Gain
Beam Pattern
1
10
100
1 mm
.04 in
10 mm
.4 in
100 mm
4 in
.1 mm
.004 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
SME312FPG
SME312FPB
SME312FPW
Diffuse Mode
Plastic Fiber
PBT46U Fiber
20 mm
0.75"
16 mm
0.60"
12 mm
0.45"
8 mm
0.30"
4 mm
0.15"
0
0
1.0 mm
2.0 mm
3.0 mm
1.0 mm
2.0 mm
3.0 mm
0
0.04"
0.08"
0.12"
0.04"
0.08"
0.12"
DISTANCE
PBT46U
SME312FPG
SME312FPB
SME312FPW
Diffuse Mode
Plastic Fiber
Troubleshooting
If the MINI-BEAM Expert’s Power LED alternately flashes red/green, this indicates a microprocessor memory error. To clear
the error, re-teach the sensor or cycle the power ON and OFF and re-teach the sensor. If this does not solve the problem,
or if it occurs frequently, replace the sensor.
Accessories
Retroreflective Targets
Banner offers a wide selection of high-quality retroreflective targets. See your current Banner Engineering Corp catalog for
complete information on available models. Sensing range will vary, according to the retroreflector’s efficiency and
reflective area.
•
For long-range applications: model BRT-77X77C reflector provides a range up to 2 m (6.5').
•
For clear object detection (low-contrast applications): reflector model BRT-2X2 is recommended; one comes
bundled with each SME312LPC(QD) sensor.
•
Polarized sensors require corner-cube type retroreflective targets only; reflective tape is not recommended.
Before installing retroreflective tape, clean the mounting surface with an isopropyl alcohol wipe.
Optional brackets for mounting reflective targets are available. See the Accessories section of your current Banner catalog
or our website at www.bannerengineering.com.
BRT-2X2
•
Square, acrylic target
•
Reflectivity factor: 1.0
•
Max. temperature: +50 °C (+122 ºF)
•
Optional brackets are available
•
Approximate size: 51 mm × 51 mm
BRT-77X77C
•
Square, acrylic target
•
Reflectivity Factor: 2.0
•
Temperature: −20 °C to
+60 °C (−4 °F to
+140 °F)
•
Optional brackets are
available
•
Approximate size: 84.5
mm × 84.5 mm
84.5 mm
(3.3")
77 mm
(3.0")
77 mm
(3.0")
3.5 mm
(0.13")
84.5 mm
(3.3")
9 mm
(0.4")
Clear
Acrylic
Lens
BRT-TVHG
•
Reflectivity factor: 0.8
•
Max. Temperature:
+60 °C (+140 °F)
Retroreflective tape is available in
a variety of sizes and shapes; see
your Banner Catalog for more
information.
Not recommended for use with
clear object detection sensors.
MINI-BEAM SME312 Expert Series
10
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 55214 Rev. G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com