Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB18AFAM10 Datasheet(PDF) 8 Page - Banner Engineering Corp.

Part # SMB18AFAM10
Description  MINI-BEAM SME312 Expert Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB18AFAM10 Datasheet(HTML) 8 Page - Banner Engineering Corp.

Back Button SMB18AFAM10 Datasheet HTML 4Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 5Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 6Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 7Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 8Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 9Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 10Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 11Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 12Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Diffuse
Diffuse-mode performance based on 90% reflectance white test card.
Excess Gain
Beam Pattern
Excess Gain
Beam Pattern
375 mm
15.0"
300 mm
12.0"
225 mm
9.0"
150 mm
6.0"
75 mm
3.0"
0
0
5 mm
10 mm
15 mm
5 mm
10 mm
15 mm
0
0.2"
0.4"
0.6"
0.2"
0.4"
0.6"
DISTANCE
SME312D
Diffuse Mode
1
10
100
10 mm
0.4"
100 mm
4.0"
1000 mm
40"
10000 mm
400"
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
SME312DV
Diffuse Mode
1250 mm
50.0"
1000 mm
40.0"
750 mm
30.0"
500 mm
20.0"
250 mm
10.0"
0
0
5 mm
10 mm
15 mm
5 mm
10 mm
15 mm
20 mm
0
0.2"
0.4"
0.6"
20 mm
0.8"
0.2"
0.4"
0.6"
0.8"
DISTANCE
SME312DV
Diffuse Mode
1
10
100
10 mm
.4"
100 mm
4"
1000 mm
40"
1 mm
.04"
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
SME312W
Diffuse Mode
125 mm
5.0"
100 mm
4.0"
75 mm
3.0"
50 mm
2.0"
25 mm
1.0"
0
0
7.5 mm
15.0 mm
22.5 mm
7.5 mm
15.0 mm
22.5 mm
0
0.3"
0.6"
0.9"
0.3"
0.6"
0.9"
DISTANCE
SME312W
Diffuse Mode
Convergent
Excess Gain
Beam Pattern
Excess Gain
Beam Pattern
1
10
100
10 mm
.4"
100 mm
4"
1000 mm
40"
1 mm
.04"
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
SME312CV
Convergent Mode
37.5 mm
1.5"
30 mm
1.2"
22.5 mm
0.9"
15 mm
0.6"
7.5 mm
0.3"
0
0
1.0 mm
2.0 mm
3.0 mm
1.0 mm
2.0 mm
3.0 mm
0
0.04 "
0.08 "
0.12 "
0.04 "
0.08 "
0.12 "
DISTANCE
SME312CV
Convergent Mode
1
10
100
10 mm
.4"
100 mm
4"
1000 mm
40"
1 mm
.04"
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
SME312CV2
Convergent Mode
125 mm
5"
100 mm
4"
75 mm
3"
50 mm
2"
25 mm
1"
0
0
1.0 mm
2.0 mm
3.0 mm
1.0 mm
2.0 mm
3.0 mm
0
0.04"
0.08"
0.12"
0.04"
0.08"
0.12"
DISTANCE
SME312CV2
Convergent Mode
1
10
100
1 mm
.04 in
10 mm
.4 in
100 mm
4 in
.1 mm
.004 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
SME312FPG
SME312FPB
SME312FPW
Diffuse Mode
Plastic Fiber
PBT46U Fiber
37.5 mm
1.5"
30 mm
1.2"
22.5 mm
0.9"
15 mm
0.6"
7.5 mm
0.3"
0
0
1.0 mm
2.0 mm
3.0 mm
1.0 mm
2.0 mm
3.0 mm
0
0.04"
0.08"
0.12"
0.04"
0.08"
0.12"
DISTANCE
SME312CVG
SME312CVB
SME312CVW
Convergent Mode
MINI-BEAM SME312 Expert Series
8
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 55214 Rev. G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com