Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB18AFAM10 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # SMB18AFAM10
Description  MINI-BEAM SME312 Expert Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB18AFAM10 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  SMB18AFAM10 Datasheet HTML 1Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 2Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 3Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 4Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 5Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 6Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 7Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 8Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Instruction Manual
Microprocessor-Based TEACH Mode Photoelectric Sensors
U.S. patent(s) issued or pending
•
TEACH-mode sensors in the popular MINI-BEAM package
•
Easy push-button programming automatically adjusts sensitivity to optimal
setting
•
Multiple sensing modes include retroreflective, polarized retro, clear object
detection, diffuse, divergent, and convergent, plus glass and plastic fiber
optic models
•
Fast, 500 microsecond (0.5 millisecond) output response
•
Bipolar NPN (sinking)/PNP (sourcing) outputs
•
Easy output programming eliminates the need for Light or Dark operate
selection
•
Separate TEACH input allows remote programming by an external device,
such as a switch or process controller
•
LED status indications for received signal strength (using Banner's AID™
function), power ON, and output state
•
Green Stability indicator flashes when received signal level approaches the
switching threshold, also indicates Power ON
•
Integral 2 m (6.5 ft) cable or 5-pin Euro-style quick-disconnect (QD)
connector, depending on model; 9 m (30 ft) cable models are also available
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to
serious injury or death. This device does not include the self-checking redundant circuitry necessary
to allow its use in personnel safety applications. A sensor failure or malfunction can cause either an
energized or de-energized sensor output condition.
Models
Retroreflective Models
Model1
Sensing Mode
Range or Focus2
Supply Voltage
Output Type
SME312LV
Retroreflective, Visible red, 650 nm
5 m (15 ft)
10 V dc to 30 V dc
Bipolar NPN/PNP
SME312LP
Polarized retroreflective, Visible red, 650 nm
10 mm to 3 m (0.4 in to 10 ft)
SME312LPC
Polarized retroreflective, Visible red, 650 nm
(clear object)
1 m (3.3 ft) with supplied reflector
Diffuse Models
Model1
Sensing Mode
Range or Focus
Supply Voltage
Output Type
SME312D
Diffuse, Infrared, 880 nm
380 mm (15 in)
10 V dc to 30 V dc
Bipolar NPN/PNP
SME312DV
Diffuse, Visible red, 650 nm
1100 mm (43 in)
SME312W
Divergent Diffuse, Infrared, 880 nm
130 mm (5 in)
1 Standard 2 m (6.5 ft) cable models are listed. To order the 9 m (30 ft) cable model, add suffix “W/30” to the model number (for example,
SME312LV W/30.) To order the 5-pin Euro-style QD models, add suffix “QD” (for example, SME312LVQD). Models with a QD connector require a
mating cable.
2 Sensing ranges vary according to the efficiency and reflective area of the retroreflector(s) used. (Retroreflective tape is not recommended for use
with Clear Object Detection models.) See Accessories and the Banner Engineering catalog for more information.
MINI-BEAM SME312 Expert Series
Original Document
55214 Rev. G
13 July 2016
55214


Similar Part No. - SMB18AFAM10

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
SMB18AFAM10 TURCK-SMB18AFAM10 Datasheet
295Kb / 2P
Ultrasonic sensor emitter
logo
Banner Engineering Corp...
SMB18AFAM10 BANNER-SMB18AFAM10 Datasheet
461Kb / 4P
General Purpose Indicators
More results

Similar Description - SMB18AFAM10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DDC112Y-250 ETC2-DDC112Y-250 Datasheet
1Mb / 2P
PCB FOOTPRINT EXPERT
SM312CV ETC2-SM312CV Datasheet
607Kb / 6P
MINI-BEAM dc-Voltage Series
SM312WQD ETC2-SM312WQD Datasheet
607Kb / 6P
MINI-BEAM dc-Voltage Series
SM312LVMHS ETC2-SM312LVMHS Datasheet
607Kb / 6P
MINI-BEAM dc-Voltage Series
logo
Keysight Technologies
COMMANDEXPERT KEYSIGHT-COMMANDEXPERT Datasheet
2Mb / 9P
Command Expert
logo
Banner Engineering Corp...
D10 BANNER-D10_V04 Datasheet
653Kb / 12P
D10 Expert Series - Small Object Counter
SLE10 BANNER-SLE10 Datasheet
381Kb / 7P
SLE10 Expert Series Slot Sensor
SLE30 BANNER-SLE30 Datasheet
450Kb / 7P
SLE30 Expert Series Slot Sensor
logo
Fluke Corporation
FLUKE-931-ESP FLUKE-FLUKE-931-ESP Datasheet
3Mb / 6P
Environmental expert series
3/2018
logo
List of Unclassifed Man...
SM312CV-V01 ETC-SM312CV-V01 Datasheet
1Mb / 14P
MINI-BEAM® DC Voltage Series Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com