Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1963QL9R Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # SSD1963QL9R
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9R Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9R Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 93 page
background image
Solomon Systech
Jan 2010
P 14/93
Rev 1.1
SSD1963
Table 6-2: LCD Interface Pin Mapping
Pin Name
Type
Reference
Voltage
Level
TFBGA
Pin #
LQFP
Pin #
Description
LFRAME
O
VDDLCD
D6
43
Vertical sync (Frame pulse)
LLINE
O
VDDLCD
B6
44
Horizontal sync (Line pulse)
LSHIFT
O
VDDLCD
A6
45
Pixel clock (Pixel shift signal)
LDEN
O
VDDLCD
C6
49
Data valid
LDATA[23:0]
O
VDDLCD
A2, A3, B2,
B3, B8, C2,
C3, C4, C5,
C7, C8, D2,
D3, D4, D5,
D7, D8, E1,
E2, E3, E4,
F1, F2, F3
28, 29, 30,
31, 35, 59,
60, 61, 62,
63, 67, 68,
69, 70, 71,
72, 76, 77,
78, 79, 80,
81, 85, 86
RGB data
GPIO[3:0]
IO
VDDLCD
A7, A8, A9,
B7
36, 37, 38, 39
These pins can be configured for display
miscellaneous signals or as general purpose I/O.
Default as input
GAMAS [1:0]
O
VDDLCD
A4, B4
52, 53
Gamma selection for panel
PWM
O
VDDLCD
B5
51
PWM output for backlight driver
Table 6-3: Control Signal Pin Mapping
Pin Name
Type
Reference
Voltage
Level
TFBGA
Pin #
LQFP
Pin #
Description
RESET#
I
VDDIO
J7
127
Master synchronize reset
CONF
I
VDDIO
H8
128
MCU interface configuration
0: 6800 Interface
1: 8080 Interface
Table 6-4: Power Pin Mapping
Pin Name
Type
TFBGA
Pin #
LQFP
Pin #
Description
VDDD
P
E6, F6
1, 6, 14, 21, 25, 32,
40, 46, 56, 64, 73, 82,
93, 102, 110, 119, 126
Power supply for internal digital circuit
VDDLCD
P
B1, C1
27, 34, 42, 48, 54, 58,
66, 75, 84
Power supply for LCD interface related pads
VDDPLL
P
E9
18
Power supply for internal analog circuit and
analog I/O pads
VDDIO
P
J9
4, 12, 16,
95, 97, 100, 108, 117,
124
Power supply for digital I/O pads
VSS
P
D1, E5, F5, J8
2, 3, 5, 13, 17, 20, 23,
26, 33, 41, 47, 55, 57,
65, 74, 83, 94, 96,
101, 109, 118, 125
Ground for internal digital circuit
VSSPLL
P
D9
19
Ground for internal analog circuit and analog I/O
pads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com