Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1963QL9R Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # SSD1963QL9R
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9R Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9R Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 93 page
background image
Solomon Systech
Jan 2010
P 22/93
Rev 1.1
SSD1963
Hex Code
Command
Description
0x44
set_tear_scanline
Synchronization information is sent from the SSD1963 to the
host processor when the display panel refresh reaches the
provided scanline
0x45
get_scanline
Get the current scan line
0xA1
read_ddb
Read the DDB from the provided location
0xA8
Reserved
Reserved
0xB0
set_lcd_mode_
Set the LCD panel mode and resolution
0xB1
get_lcd_mode
Get the current LCD panel mode, pad strength and resolution
0xB4
set_hori_period
Set front porch
0xB5
get_hori_period
Get current front porch settings
0xB6
set_vert_period
Set the vertical blanking interval between last scan line and
next LFRAME pulse
0xB7
get_vert_period
Set the vertical blanking interval between last scan line and
next LFRAME pulse
0xB8
set_gpio_conf
Set the GPIO configuration. If the GPIO is not used for LCD,
set the direction. Otherwise, they are toggled with LCD
signals.
0xB9
get_gpio_conf
Get the current GPIO configuration
0xBA
set_gpio_value
Set GPIO value for GPIO configured as output
0xBB
get_gpio_status
Read current GPIO status. If the individual GPIO was
configured as input, the value is the status of the
corresponding pin. Otherwise, it is the programmed value.
0xBC
set_post_proc
Set the image post processor
0xBD
get_post_proc
Set the image post processor
0xBE
set_pwm_conf
Set the image post processor
0xBF
get_pwm_conf
Set the image post processor
0xC0
set_lcd_gen0
Set the rise, fall, period and toggling properties of LCD signal
generator 0
0xC1
get_lcd_gen0
Get the current settings of LCD signal generator 0
0xC2
set_lcd_gen1
Set the rise, fall, period and toggling properties of LCD signal
generator 1
0xC3
get_lcd_gen1
Get the current settings of LCD signal generator 1
0xC4
set_lcd_gen2
Set the rise, fall, period and toggling properties of LCD signal
generator 2
0xC5
get_lcd_gen2
Get the current settings of LCD signal generator 2
0xC6
set_lcd_gen3
Set the rise, fall, period and toggling properties of LCD signal
generator 3
0xC7
get_lcd_gen3
Get the current settings of LCD signal generator 3
0xC8
set_gpio0_rop
Set the GPIO0 with respect to the LCD signal generators
using ROP operation. No effect if the GPIO0 is configured as
general GPIO.
0xC9
get_gpio0_rop
Get the GPIO0 properties with respect to the LCD signal
generators.
0xCA
set_gpio1_rop
Set the GPIO1 with respect to the LCD signal generators
using ROP operation. No effect if the GPIO1 is configured as
general GPIO.
0xCB
get_gpio1_rop
Get the GPIO1 properties with respect to the LCD signal
generators.
0xCC
set_gpio2_rop
Set the GPIO2 with respect to the LCD signal generators
using ROP operation. No effect if the GPIO2 is configured as
general GPIO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com