Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1963QL9R Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # SSD1963QL9R
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9R Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9R Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 38Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 39Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 40Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 41Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 42Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 43Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 44Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 93 page
background image
SSD1963
Rev 1.1
P 41/93
Jan 2010
Solomon Systech
Table 9-1 Enter Idle Mode memory content vs display color
Color
R7 R6 R5 R4 R3 R2 R1 R0
G7 G6 G5 G4 G3 G2 G1 G0
B7 B6 B5 B4 B3 B2 B1 B0
Black
0XXXXXXX
0XXXXXXX
0XXXXXXX
Blue
0XXXXXXX
0XXXXXXX
1XXXXXXX
Red
1XXXXXXX
0XXXXXXX
0XXXXXXX
Magenta
1XXXXXXX
0XXXXXXX
1XXXXXXX
Green
0XXXXXXX
1XXXXXXX
0XXXXXXX
Cyan
0XXXXXXX
1XXXXXXX
1XXXXXXX
Yellow
1XXXXXXX
1XXXXXXX
0XXXXXXX
White
1XXXXXXX
1XXXXXXX
1XXXXXXX
9.28 write_memory_continue
Command
0x3C
Parameters
None
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
0
0
1
1
1
1
0
0
3C
Description
Transfer image information from the host processor interface to the SSD1963 from the last write_memory_continue
(0x3C) or write_memory_start (0x2C).
If set_address_mode (0x36) A[5] = 0:
Data is written continuing from the pixel location after the write range of the previous write_memory_start (0x2C) or
write_memory_continue (0x3C). The column address is then incremented and pixels are written to the frame buffer until
the column address equals the End Column (EC) value. The column address is then reset to SC and the page address is
incremented. Pixels are written to the frame buffer until the page address equals the End Page (EP) value and the column
address equals the EC value, or the host processor sends another command. If the number of pixels exceeds (EC – SC +
1) * (EP – SP + 1) the extra pixels are ignored.
If set_address_mode (0x36) A[5] = 1:
Data is written continuing from the pixel location after the write range of the previous write_memory_start (0x2C) or
write_memory_continue (0x3C). The page address is then incremented and pixels are written to the frame buffer until
the page address equals the End Page (EP) value. The page address is then reset to SP and the column address is
incremented. Pixels are written to the frame buffer until the column register equals the End column (EC) value and the
page address equals the EP value, or the host processor sends another command. If the number of pixels exceeds (EC –
SC + 1) * (EP – SP + 1) the extra pixels are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com