Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVALIDB008V2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STEVALIDB008V2
Description  Evaluation platform based on the BlueNRG-2
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVALIDB008V2 Datasheet(HTML) 6 Page - STMicroelectronics

  STEVALIDB008V2 Datasheet HTML 1Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 2Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 3Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 4Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 5Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 6Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 7Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 8Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Figure 7. STEVAL-IDB008V2 - micro
UFQFPN48 7x7 package
128 kbyte flash
16 kbyte RAM
VLCD
OSC_IN
OSC_OUT
NRST
VDDA
USBDM
USBDP
VDD2
VLCD
VDD1
VDD2
VDDA
NRST
VDD3
JTMS
TXD1
OE
USART1_RX
USART1_TX
USART1_TX
USART1_RX
OSC_IN
OSC_OUT
1-2SEL
3-4SEL
DIO7
VDD
VDD
VDD
VDD
VDD
VDD
C35
100n_0402
C42 20p_0402
X1
8MHz
U8
STM32L151CBU6
VLCD
1
PC13 RTC_AF1-WKUP2
2
PC14-OSC32_IN
3
PC15-OSC32_OUT
4
PH0-OSC_IN
5
PH1-OSC_OUT
6
NRST
7
VSSA
8
VDDA
9
PA0-WKUP1
10
PA1
11
PA2
12
VDD_2
36
VSS_2
35
PA13
34
PA12
33
PA11
32
PA10
31
PA9
30
PA8
29
PB15
28
PB14
27
PB13
26
PB12
25
R51
1M_0402
C40
100n_0402
C37
100n_0402
C38
100n_0402
C39
1u_0402
C36
100n_0402
C41
1u_0402
C43
20p_0402
R47
10K_0402
JP3
USART
2
Figure 8. STEVAL-IDB008V2 - USB
SOT23-6L
DM
DP
USBDP
USBDM
DP
DM
USB_5V
VDD
R45
0_0402
R44
0_0402
R43
NC
CN5
USB micro B
Vcc
1
D-
2
D+
3
ID
4
GND
5
GND
6
GND
7
GND
8
GND
11
GND
10
GND
9
C33
100n_0402
U9
USBLC6-2SC6
I/O11
1
GND
2
I/O21
3
I/O22
4
VBUS
5
I/O12
6
STEVAL-IDB008V2
Schematic diagrams for STEVAL-IDB008V2
DB3446 - Rev 3
page 6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com