Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVALIDB008V2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STEVALIDB008V2
Description  Evaluation platform based on the BlueNRG-2
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVALIDB008V2 Datasheet(HTML) 3 Page - STMicroelectronics

  STEVALIDB008V2 Datasheet HTML 1Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 2Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 3Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 4Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 5Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 6Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 7Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 8Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Figure 3. STEVAL-IDB008V2 circuit schematic
Solder a 10u_0805 between 1- 2
or a 0R0_0805 between 1- 3
DIO5
VBAT2
VBAT1
TEST1
VBAT2
ADC1
VBAT3
DIO4
VBAT3
DIO6
JTMS-SWTDIO
JTCK-SWTCK
DIO7
ADC2
DIO8
TEST
DIO7
DIO6
TXD
I2C2_DAT
I2C2_CLK
VBLUE1
VBLUE1
VBLUE1
VBLUE1
VBLUE1
VBLUE
VBLUE1
U12
BALF-NRG-02D3
B1
1
B2
2
A2
3
A1
4
Q1
XTAL_LS
C12
TBD_0402
L3 TBD_0402
L1
TBD_0402
C3
100p_0402
C2
100n_0402
C17
100n_0402
C21
100n_0402
C20
1u_0402
R55
100k_0402
JP4
Jumper 2
1
1
2
2
TEST1
Q2
XTAL_HS
J2
SMA connector
D1
1
3
C19
100n_0402
C1
1u_0402
C18
1u_0402
C6
22p_0402
C11
TBD_0402
C16
1u_0402
U1
BlueNRG-2
DIO10
1
DIO9
2
DIO8
3
DIO7
4
DIO6
5
VBAT3
6
DIO5
7
DIO4
8
VBAT1
24
SXTAL0
23
SXTAL1
22
RF0
21
RF1
20
VBAT2
19
FXTAL0
18
FXTAL1
17
L5
TBD_0402
C5
22p_0402
C4
150n_0402
ADC2
JP5
Jumper 2
1
1
2
2
C14
15p_0402
ADC1
C15
15p_0402
Figure 4. STEVAL-IDB008V2 - power managements
GREEN
USB_5V
VDD
VBLUE
JP1
Jumper 3
2
DL4
BATT
Battery holder
C23
33n_0402
C24
2.2u_0402
R28
470_0402
U3
LDS3985PU33R
Vin
1
N.C.
2
Vout
3
Vinh
6
Gnd
5
Bypass
4
C22
1u_0402
JP2
Jumper 3
2
STEVAL-IDB008V2
Schematic diagrams for STEVAL-IDB008V2
DB3446 - Rev 3
page 3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com