Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVALIDB008V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVALIDB008V2
Description  Evaluation platform based on the BlueNRG-2
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVALIDB008V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVALIDB008V2 Datasheet HTML 1Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 2Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 3Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 4Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 5Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 6Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 7Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 8Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
•
Bluetooth® SMART board based on the BlueNRG-2 Bluetooth low energy
system on chip
•
Associated BlueNRG-2 development kit SW package including firmware and
documentation
•
Up to +8 dBm available output power (at antenna connector)
•
Excellent receiver sensitivity (-88 dBm)
•
Very low power consumption: 7.7 mA RX and 8.2 mA TX at +0 dBm
•
Bluetooth® SMART v5.0 compliant, supports master, slave, simultaneous
master-and-slave roles and Bluetooth low energy extended data length feature
•
New integrated balun BALF-NRG-02D3 which integrates a matching network
and harmonics filter
•
SMA connector for antenna or measuring equipment
•
3 user LEDs
•
2 user buttons
•
3D digital accelerometer and 3D digital gyroscope
•
MEMS pressure sensor with embedded temperature sensor
•
RoHS compliant
Description
The STEVAL-IDB008V2 evaluation platform is based on the BlueNRG-2, low power
Bluetooth® smart system on chip with 256 KB Flash, 24 KB RAM, compliant with the
Bluetooth® SMART v5.0 specification, supporting master, slave and simultaneous
master-and-slave roles and the Bluetooth low energy extended data length feature.
The STEVAL-IDB008V2 also provides a set of hardware resources for implementing
a wide range of application scenarios: sensor data (accelerometer, pressure and
temperature sensor), remote control (buttons and LEDs) and debug message
management through USB virtual COM. Three power options are available (USB
only, battery only, and external power supply plus USB) for high application
development and testing flexibility.
Summary table
STEVAL-IDB008V2
evaluation platform
based on the
BlueNRG-2
STEVAL-
IDB008V2
Bluetooth low energy
wireless system-on-chip
BlueNRG-2
Evaluation platform based on the BlueNRG-2
STEVAL-IDB008V2
Data brief
DB3446 - Rev 3 - February 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STEVALIDB008V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVALIAC001V1 STMICROELECTRONICS-STEVALIAC001V1 Datasheet
193Kb / 5P
Alarm platform
22-Oct-2007
STEVALIFP040V1 STMICROELECTRONICS-STEVALIFP040V1 Datasheet
365Kb / 6P
Industrial digital output expansion board based on IPS1025HF in a QFN48L package
29-Aug-2022
STEVALIHM011V1 STMICROELECTRONICS-STEVALIHM011V1 Datasheet
251Kb / 5P
IGBT power module kit - SEMITOP2® power board
03-Mar-2008
STEVALISB035V1 STMICROELECTRONICS-STEVALISB035V1 Datasheet
307Kb / 4P
Li-Ion/Li-Po battery power management evaluation board based on STBC03
27-Sep-2017
STEVALISB047V1 STMICROELECTRONICS-STEVALISB047V1 Datasheet
720Kb / 4P
Qi certified 3-coil 15 W wireless charger TX evaluation kit based on STWBC-MC
06-Feb-2019
More results

Similar Description - STEVALIDB008V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0442 STMICROELECTRONICS-UM0442 Datasheet
777Kb / 33P
Multiple application platform based on STR750FV2
30-Aug-2007
AN4472 STMICROELECTRONICS-AN4472 Datasheet
6Mb / 44P
STEVAL-IME008V1 evaluation board based on the STHV749 transmission pulser
10-Dec-2014
STEVAL-IDB005V1 STMICROELECTRONICS-STEVAL-IDB005V1 Datasheet
409Kb / 11P
Bluetooth low energy board based on the BlueNRG-MS network processor
29-Apr-2015
STEVAL-LNBH01 STMICROELECTRONICS-STEVAL-LNBH01 Datasheet
266Kb / 4P
Power supply evaluation board for LNB based on the LNBH25LS
September 2016 Rev 1
STEVAL-LNBH02 STMICROELECTRONICS-STEVAL-LNBH02 Datasheet
240Kb / 4P
Power supply evaluation board for LNB based on the LNBH25S
September 2016 Rev 1
STEVAL-LNBH04 STMICROELECTRONICS-STEVAL-LNBH04 Datasheet
254Kb / 4P
Power supply evaluation board for LNB based on the LNBH26LS
September 2016 Rev 1
STEVAL-LNBH05 STMICROELECTRONICS-STEVAL-LNBH05 Datasheet
256Kb / 4P
Power supply evaluation board for LNB based on the LNBH26S
19-Sep-2016
STEVAL-TLL001V1 STMICROELECTRONICS-STEVAL-TLL001V1 Datasheet
66Kb / 4P
White LED controller evaluation board based on the STLD40D
27-Oct-2008
AEK-COM-BLEV1 STMICROELECTRONICS-AEK-COM-BLEV1 Datasheet
3Mb / 12P
Bluetooth communication board based on BlueNRG-1
Rev 1 - February 2020
X-NUCLEO-IDB05A2 STMICROELECTRONICS-X-NUCLEO-IDB05A2 Datasheet
1Mb / 8P
Bluetooth low energy expansion board based on the BLUENRG-M0 module for STM32 Nucleo
April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com