Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVALIDB008V2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STEVALIDB008V2
Description  Evaluation platform based on the BlueNRG-2
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVALIDB008V2 Datasheet(HTML) 4 Page - STMicroelectronics

  STEVALIDB008V2 Datasheet HTML 1Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 2Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 3Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 4Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 5Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 6Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 7Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 8Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Figure 5. STEVAL-IDB008V2 - SENSORs
SPI_IN
DIO12
I2C2_DAT
I2C2_CLK
VBLUE
VBLUE
VBLUE
VBLUE
VBLUE
VBLUE
VBLUE
R34
10K_0402
R37
0_0402
R35 0_0402
R41 0_0402
C28
100n_0402
C30
100n_0402
R42
0_0402
U7
LSM6DS3
SDO/SA0
1
SDx
2
SCx
3
INT1
4
NC
11
OCS
10
INT2
9
VDD
8
R39
0_0402
R36
10K_0402
C32
100n_0402
R31
0_0402
C27
4.7u_0603
R38
0_0402
C29
100n_0402
C31
100n_0402
U6
LPS25HB
VDDIO
1
SCL
2
CS
6
INT_DRDY
7
STEVAL-IDB008V2
Schematic diagrams for STEVAL-IDB008V2
DB3446 - Rev 3
page 4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com