Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVALIDB008V2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STEVALIDB008V2
Description  Evaluation platform based on the BlueNRG-2
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVALIDB008V2 Datasheet(HTML) 7 Page - STMicroelectronics

  STEVALIDB008V2 Datasheet HTML 1Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 2Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 3Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 4Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 5Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 6Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 7Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 8Page - STMicroelectronics STEVALIDB008V2 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Figure 9. STEVAL-IDB008V2 - JTAG for micro
Male Connector 2x5
JTMS
JTCK
JTDO
JTDI
VDD
CN6
CONN
1
2
3
4
5
6
7
8
9
10
Figure 10. STEVAL-IDB008V2 - level translator
OE
RXD
TXD1
PB2
TXD
SPI_CS1/RXD
DIO7
VDD
VBLUE
R48
0_0402
U10
ST2378E
Vl
1
I/OVl1
2
I/OVcc2
3
I/OVl3
4
I/OVcc4
5
I/OVl5
6
I/OVcc6
7
I/OVl7
8
I/OVcc8
9
Gnd
10
Vcc
20
I/OVcc1
19
I/OVl2
18
I/OVcc3
17
I/OVl4
16
I/OVcc5
15
I/OVl6
14
I/OVcc7
13
I/OVl8
12
OE
11
R50
10k_0402
R52
0_0402
R49 0_0402
Figure 11. STEVAL-IDB008V2 - Switch
V1
V2
V3
V4
1-2SEL=3-4SEL=H => SPI CONNECTED
TO THE BLUENRG-2
1-2SEL=3-4SEL=L => SPI NOT
CONNECTED TO THE BLUENRG-2
1-2SEL
SPI_CS1
SPI_CLK1
SPI_OUT1
SPI_IN1
3-4SEL
SPI_IN
SPI_OUT
SPI_CLK
SPI_CS1/RXD
VDD
R59 0_0402
R63
10K_0402
R61
0_0402
R58 10K_0402
R56 10K_0402
U11
STG3692
1S2
1
Vcc
2
1-2SEL
3
2S1
4
4S1
12
GND
11
3-4SEL
10
3S2
9
TP1
GND
C45
100n_0402
R60 0_0402
R64
10K_0402
R57
10K_0402
R62
0_0402
TP3
GND
R46 10K_0402
TP2
GND
STEVAL-IDB008V2
Schematic diagrams for STEVAL-IDB008V2
DB3446 - Rev 3
page 7/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com