Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMDP0200 Datasheet(PDF) 29 Page - TEKTRONIX, INC.

Part # TMDP0200
Description  Mixed Domain Oscilloscopes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TMDP0200 Datasheet(HTML) 29 Page - TEKTRONIX, INC.

Back Button TMDP0200 Datasheet HTML 25Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 26Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 27Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 28Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 29Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 30Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 31Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 32Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 33Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
MIL-STD-1553 (optional)
Trigger on Sync, Word Type (Command, Status, Data), Command Word (set RT Address, T/R, Sub-address/Mode, Data Word
Count/Mode Code, and Parity individually), Status Word (set RT Address, Message Error, Instrumentation, Service Request Bit,
Broadcast Command Received, Busy, Subsystem Flag, Dynamic Bus Control Acceptance (DBCA), Terminal Flag, and Parity
individually), Data Word (user-specified 16-bit data value), Error (Sync, Parity, Manchester, Non-contiguous data), Idle Time
(minimum time selectable from 2 μs to 100 μs; maximum time selectable from 2 μs to 100 μs; trigger on < minimum, > maximum,
inside range, outside range). RT Address can be further specified to trigger on =, ≠, <, >, ≤, ≥ a particular value, or inside or
outside of a range.
ARINC-429 (optional)
Trigger on Word Start/End, Label, SDI, Data, Label and Data, Error conditions (any, parity, word, gap).
I2S/LJ/RJ/TDM (optional)
Trigger on Word Select, Frame Sync, or Data. Data can be further specified to trigger on ≤, <, =, >, ≥, ≠ a specific data value, or
inside or outside of a range. Maximum data rate for I2S/LJ/RJ is 12.5 Mb/s. Maximum data rate for TDM is 25 Mb/s.
6 – Digital Voltmeter
Source
Channel 1, Channel 2, Channel 3, Channel 4
Measurement types
AC RMS, DC, AC+DC RMS (reads out in volts or amps); Frequency
Resolution
ACV, DCV: 4 digits
Frequency: 5 digits
Frequency accuracy
±(10 µHz/Hz + 1 count)
Measuring rate
100 times/second; measurements updated on the display 4 times/second
Vertical settings autorange
Automatic adjustment of vertical settings to maximize measurement dynamic range; available for any non-trigger source
Graphical measurement
Graphical indication of minimum, maximum, current value, and five second rolling range
General Product Specifications
Display system
Display type
9 in. (229 mm) color display
Display resolution
800 horizontal × 480 vertical pixels (WVGA)
Interpolation
Sin(x)/x
Waveform styles
Vectors, Dots, Variable Persistence, Infinite Persistence
FastAcq. palettes
Temperature, Spectral, Normal, Inverted
Graticules
Full, Grid, Solid, Cross Hair, Frame, IRE and mV
Format
YT, XY, and simultaneous XY/YT
Maximum waveform capture rate
>280,000 wfms/s in FastAcq acquisition mode on 1 GHz models
>235,000 wfms/s in FastAcq acquisition mode on 100 MHz – 500 MHz models
>50,000 wfms/s in DPO acquisition mode on all models
Mixed Domain Oscilloscopes -- MDO3000 Series
5 – Serial Protocol Analyzer
www.tek.com 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com