Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMDP0200 Datasheet(PDF) 8 Page - TEKTRONIX, INC.

Part # TMDP0200
Description  Mixed Domain Oscilloscopes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TMDP0200 Datasheet(HTML) 8 Page - TEKTRONIX, INC.

Back Button TMDP0200 Datasheet HTML 4Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 5Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 6Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 7Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 8Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 9Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 10Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 11Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 12Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Waveform histogram of a rising edge showing the distribution of edge position (jitter) over
time. Included are numeric measurements made on the waveform histogram data.
Video design and development
Many video engineers have remained loyal to analog oscilloscopes,
believing the intensity gradations on an analog display are the only way to
see certain video waveform details. The fast waveform capture rate of the
MDO3000, coupled with its intensity-graded view of the signal, provides the
same information-rich display as an analog oscilloscope, but with much
more detail and all the benefits of digital scopes.
Standard features such as IRE and mV graticules, holdoff by fields, video
polarity, HDTV and custom (nonstandard) video triggers, and an Autoset
smart enough to detect video signals, make these the easiest to use
oscilloscopes on the market for video applications. And with high
bandwidth, four analog inputs, and a built-in 75 Ω input termination (not
available on 1 GHz models), the oscilloscope provides ample performance
for analog and digital video use. There is even a video picture mode
enabling you to see the picture of the video signal you are viewing – for
NTSC and PAL signals.
Viewing an NTSC video signal. Notice the intensity-graded view provided by the
MDO3000's ability to represent time, amplitude, and distribution over time.
Viewing an NTSC full color bar signal image. Video picture mode contains automatic
contrast and brightness settings as well as manual controls.
Power analysis (optional)
Ever increasing consumer demands for longer battery-life devices and for
green solutions that consume less power require power-supply designers to
characterize and minimize switching losses to improve efficiency. In
addition, the supply’s power levels, output purity, and harmonic feedback
into the power line must be characterized to comply with national and
regional power quality standards. Historically, making these and many
other power measurements on an oscilloscope has been a long, manual,
and tedious process. The MDO3000’s optional power analysis tools greatly
simplify these tasks, enabling quick, repeatable and accurate analysis of
power quality, switching loss, harmonics, safe operating area (SOA),
modulation, ripple, and slew rate (di/dt, dv/dt). Completely integrated into
the oscilloscope, the power analysis tools provide automated, repeatable
power measurements with a touch of a button. The optional power analysis
functionality is offered free for a 30-day trial period. This free trial period
starts automatically when the instrument is powered on for the first time.
Power Quality measurement table. Automated power measurements enable quick and
accurate analysis of common power parameters.
Datasheet
8 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com