Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMDP0200 Datasheet(PDF) 39 Page - TEKTRONIX, INC.

Part # TMDP0200
Description  Mixed Domain Oscilloscopes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TMDP0200 Datasheet(HTML) 39 Page - TEKTRONIX, INC.

Back Button TMDP0200 Datasheet HTML 32Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 33Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 34Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 35Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 36Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 37Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 38Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 39Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 40Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
Bandwidth upgrade options
Instrument bandwidth can be upgraded on any MDO3000 Series product after initial purchase. Each upgrade product increases
analog bandwidth and spectrum analyzer frequency range. Bandwidth upgrades are purchased based on the combination of the
current bandwidth and the desired bandwidth. Bandwidth upgrade products include new analog probes if applicable. Software
option key products depend on instrument model and serial number combination. Bandwidth upgrades up to 500 MHz can be
performed in the field, while upgrades to 1 GHz require installation at a Tektronix service center.
Model to be upgraded
Bandwidth before upgrade
Bandwidth after upgrade
Order product
MDO3012
100 MHz
200 MHz
MDO3BW1T22
100 MHz
350 MHz
MDO3BW1T32
100 MHz
500 MHz
MDO3BW1T52
100 MHz
1 GHz
MDO3BW1T102
200 MHz
350 MHz
MDO3BW2T32
200 MHz
500 MHz
MDO3BW2T52
200 MHz
1 GHz
MDO3BW2T102
350 MHz
500 MHz
MDO3BW3T52
350 MHz
1 GHz
MDO3BW3T102
500 MHz
1 GHz
MDO3BW5T102
MDO3014
100 MHz
200 MHz
MDO3BW1T24
100 MHz
350 MHz
MDO3BW1T34
100 MHz
500 MHz
MDO3BW1T54
100 MHz
1 GHz
MDO3BW1T104
200 MHz
350 MHz
MDO3BW2T34
200 MHz
500 MHz
MDO3BW2T54
200 MHz
1 GHz
MDO3BW2T104
350 MHz
500 MHz
MDO3BW3T54
350 MHz
1 GHz
MDO3BW3T104
500 MHz
1 GHz
MDO3BW5T104
MDO3022
200 MHz
350 MHz
MDO3BW2T32
200 MHz
500 MHz
MDO3BW2T52
200 MHz
1 GHz
MDO3BW2T102
350 MHz
500 MHz
MDO3BW3T52
350 MHz
1 GHz
MDO3BW3T102
500 MHz
1 GHz
MDO3BW5T102
MDO3024
200 MHz
350 MHz
MDO3BW2T34
200 MHz
500 MHz
MDO3BW2T54
200 MHz
1 GHz
MDO3BW2T104
350 MHz
500 MHz
MDO3BW3T54
350 MHz
1 GHz
MDO3BW3T104
500 MHz
1 GHz
MDO3BW5T104
MDO3032
350 MHz
500 MHz
MDO3BW3T52
350 MHz
1 GHz
MDO3BW3T102
500 MHz
1 GHz
MDO3BW5T102
MDO3034
350 MHz
500 MHz
MDO3BW3T54
350 MHz
1 GHz
MDO3BW3T104
500 MHz
1 GHz
MDO3BW5T104
MDO3052
500 MHz
1 GHz
MDO3BW5T102
MDO3054
500 MHz
1 GHz
MDO3BW5T104
Mixed Domain Oscilloscopes -- MDO3000 Series
www.tek.com 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com