Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMDP0200 Datasheet(PDF) 30 Page - TEKTRONIX, INC.

Part # TMDP0200
Description  Mixed Domain Oscilloscopes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TMDP0200 Datasheet(HTML) 30 Page - TEKTRONIX, INC.

Back Button TMDP0200 Datasheet HTML 26Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 27Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 28Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 29Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 30Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 31Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 32Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 33Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 34Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
Input/output ports
USB 2.0 high-speed host port
Supports USB mass storage devices, printers and keyboard. One port on front and one port on rear of instrument.
USB 2.0 device port
Rear-panel connector allows for communication/control of oscilloscope through USBTMC or GPIB (with a TEK-USB-488), and
direct printing to PictBridge-compatible printers.
Printing
Print to network printer, PictBridge printer, or to a printer that supports e-mail printing. Note: This product includes software
developed by the OpenSSL Project for use in the OpenSSL Toolkit. (http://www.openssl.org/)
LAN port
RJ-45 connector, supports 10/100 Mb/s
Video out port
DB-15 female connector, connect to show the oscilloscope display on an external monitor or projector. SVGA resolution.
Auxilliary input (typical)
(Available on two-channel models only)
Front-panel BNC connector
Input impedance, 1 MΩ
Maximum input
300 VRMS CAT II with peaks ≤ ±425 V
Probe compenstor output voltage
and frequency
Front-panel pins
Amplitude
0 to 2.5 V
Frequency
1 kHz
Auxiliary out
Rear-panel BNC connector
VOUT (Hi): ≥2.25 V open circuit, ≥0.9 V 50 Ω to ground
VOUT (Lo): ≤0.7 V into a load of ≤4 mA; ≤0.25 V 50 Ω to ground
Output can be configured to provide a pulse out signal when the oscilloscope triggers, a trigger signal from the internal arbitrary
function generator, or an event out for limit/mask testing.
Kensington-style lock
Rear-panel security slot connects to standard Kensington-style lock.
VESA mount
Standard (MIS-D 75) 75 mm VESA mounting points on rear of instrument.
LAN eXtensions for Instrumentation (LXI)
Class
LXI Core 2011
Version
V1.4
Datasheet
30 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com