Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMDP0200 Datasheet(PDF) 13 Page - TEKTRONIX, INC.

Part # TMDP0200
Description  Mixed Domain Oscilloscopes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TMDP0200 Datasheet(HTML) 13 Page - TEKTRONIX, INC.

Back Button TMDP0200 Datasheet HTML 9Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 10Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 11Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 12Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 13Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 14Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 15Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 16Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 17Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
MagniVu™ high-speed acquisition
The main digital acquisition mode on the MDO3000 Series will capture up
to 10 M at 500 MS/s (2 ns resolution). In addition to the main record, the
MDO3000 provides an ultra high-resolution record called MagniVu which
acquires 10,000 points at up to 8.25 GS/s (121.2 ps resolution). Both main
and MagniVu waveforms are acquired on every trigger and can be switched
between in the display at any time, running or stopped. MagniVu provides
significantly finer timing resolution than comparable oscilloscopes on the
market, instilling confidence when making critical timing measurements on
digital waveforms.
The MagniVu high-resolution record provides 121.2 ps timing resolution, enabling you to
take critical timing measurements on your digital waveforms.
P6316 MSO probe
This unique probe design offers two eight-channel pods, simplifying the
process of connecting to the device-under-test. When connecting to square
pins, the P6316 can connect directly to 8×2 square pin headers spaced on
tenth-inch centers. When more attachment flexibility is required, you can
use the included flying lead sets and grabbers to clip onto surface mount
devices or test points. The P6316 offers outstanding electrical
characteristics applying only 8 pF of capacitive loading with 101 kΩ input
impedance.
The P6316 MSO probe offers two eight-channel pods to simplify connecting to your
device.
5 – Serial Protocol Triggering and Analysis
(optional)
On a serial bus, a single signal often includes address, control, data, and
clock information. This can make isolating events of interest difficult.
Automatic trigger, decode, and search on bus events and conditions gives
you a robust set of tools for debugging serial buses. The optional serial
protocol triggering and analysis functionality is offered free for a 30-day trial
period. This free trial period starts automatically when the instrument is
powered on for the first time.
Triggering on a specific address and data packet going across an I2C bus. The yellow
waveform is clock and the blue waveform is the data. A bus waveform provides decoded
packet content including Start, Address, Read/Write, Data, and Stop.
Serial triggering
Trigger on packet content such as start of packet, specific addresses,
specific data content, unique identifiers, etc. on popular serial interfaces
such as I2C, SPI, RS-232/422/485/UART, USB2.0, CAN, CAN FD, LIN,
FlexRay, MIL-STD-1553, ARINC-429, and I2S/LJ/RJ/TDM.
Bus display
Provides a higher-level, combined view of the individual signals (clock,
data, chip enable, etc.) that make up your bus, making it easy to identify
where packets begin and end and identifying sub-packet components such
as address, data, identifier, CRC, etc.
Bus decoding
Tired of having to visually inspect the waveform to count clocks, determine
if each bit is a 1 or a 0, combine bits into bytes, and determine the hex
value? Let the oscilloscope do it for you! Once you’ve set up a bus, the
MDO3000 Series will decode each packet on the bus, and display the value
in hex, binary, decimal (USB, CAN, CAN FD, LIN, FlexRay, MIL-STD-1553,
and ARINC-429 only), signed decimal (I2S/LJ/RJ/TDM only), or ASCII
(USB, MIL-STD-1553 and RS-232/422/485/UART only) in the bus
waveform.
Mixed Domain Oscilloscopes -- MDO3000 Series
www.tek.com 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com