Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBHV2160Z Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PBHV2160Z
Description  600 V, 0.1 A NPN high-voltage low VCEsat (BISS) transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBHV2160Z Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PBHV2160Z Datasheet HTML 1Page - Nexperia B.V. All rights reserved PBHV2160Z Datasheet HTML 2Page - Nexperia B.V. All rights reserved PBHV2160Z Datasheet HTML 3Page - Nexperia B.V. All rights reserved PBHV2160Z Datasheet HTML 4Page - Nexperia B.V. All rights reserved PBHV2160Z Datasheet HTML 5Page - Nexperia B.V. All rights reserved PBHV2160Z Datasheet HTML 6Page - Nexperia B.V. All rights reserved PBHV2160Z Datasheet HTML 7Page - Nexperia B.V. All rights reserved PBHV2160Z Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBHV2160Z Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
PBHV2160Z
600 V, 0.1 A NPN high-voltage low VCEsat (BISS) transistor
PBHV2160Z
All information provided in this document is subject to legal disclaimers.
Product data sheet
24 June 2015
3 / 13
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
600
V
VCEO
collector-emitter voltage
open base
-
600
V
VCESM
collector-emitter peak voltage
VBE = 0 V
-
600
V
VEBO
emitter-base voltage
open collector
-
6
V
IC
collector current
-
0.1
A
[1]
-
0.65
W
Ptot
total power dissipation
Tamb ≤ 25 °C
[2]
-
1.4
W
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 6 cm2.
aaa-013425
Tamb (°C)
-60
180
100
20
0.8
0.4
1.2
1.6
Ptot
(W)
0
(1)
(2)
(1) FR4 PCB, mounting pad for collector 6 cm2
(2) FR4 PCB, standard footprint
Fig. 1. Power derating curves



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com