Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBHV2160Z Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PBHV2160Z
Description  600 V, 0.1 A NPN high-voltage low VCEsat (BISS) transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBHV2160Z Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PBHV2160Z Datasheet HTML 1Page - Nexperia B.V. All rights reserved PBHV2160Z Datasheet HTML 2Page - Nexperia B.V. All rights reserved PBHV2160Z Datasheet HTML 3Page - Nexperia B.V. All rights reserved PBHV2160Z Datasheet HTML 4Page - Nexperia B.V. All rights reserved PBHV2160Z Datasheet HTML 5Page - Nexperia B.V. All rights reserved PBHV2160Z Datasheet HTML 6Page - Nexperia B.V. All rights reserved PBHV2160Z Datasheet HTML 7Page - Nexperia B.V. All rights reserved PBHV2160Z Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBHV2160Z Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
PBHV2160Z
600 V, 0.1 A NPN high-voltage low VCEsat (BISS) transistor
PBHV2160Z
All information provided in this document is subject to legal disclaimers.
Product data sheet
24 June 2015
5 / 13
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCB = 400 V; IE = 0 A; Tamb = 25 °C
-
-
100
nA
ICBO
collector-base cut-off
current
VCB = 400 V; IE = 0 A; Tj = 150 °C
-
-
10
µA
ICES
collector-emitter cut-off
current
VCE = 400 V; VBE = 0 V; Tamb = 25 °C
-
-
100
nA
IEBO
emitter-base cut-off
current
VEB = 4.8 V; IC = 0 A; Tamb = 25 °C
-
-
100
nA
hFE
DC current gain
VCE = 10 V; IC = 10 mA; Tamb = 25 °C
70
125
-
VCEsat
collector-emitter
saturation voltage
IC = 30 mA; IB = 6 mA; Tamb = 25 °C
-
65
125
mV
VBEsat
base-emitter saturation
voltage
IC = 50 mA; IB = 5 mA; pulsed;
tp ≤ 300 µs; δ ≤ 0.02 ; Tamb = 25 °C
-
-
950
mV
Cc
collector capacitance
VCB = 20 V; IE = 0 A; ie = 0 A;
f = 1 MHz; Tamb = 25 °C
-
1.7
-
pF
Ce
emitter capacitance
VEB = 0.5 V; IC = 0 A; ic = 0 A;
f = 1 MHz; Tamb = 25 °C
-
81
-
pF
aaa-013583
100
50
150
200
hFE
0
IC (mA)
10-1
103
102
1
10
(1)
(2)
(3)
VCE = 10 V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
Fig. 4. DC current gain as a function of collector
current; typical values
aaa-014045
100
50
150
200
hFE
0
IC (mA)
10-1
103
102
1
10
(1)
(2)
(3)
Tamb = 25 °C
(1) VCE = 50 V
(2) VCE = 25 V
(3) VCE = 10 V
Fig. 5. DC current gain as a function of collector
current; typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com