Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBHV2160Z Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PBHV2160Z
Description  600 V, 0.1 A NPN high-voltage low VCEsat (BISS) transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBHV2160Z Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PBHV2160Z Datasheet HTML 1Page - Nexperia B.V. All rights reserved PBHV2160Z Datasheet HTML 2Page - Nexperia B.V. All rights reserved PBHV2160Z Datasheet HTML 3Page - Nexperia B.V. All rights reserved PBHV2160Z Datasheet HTML 4Page - Nexperia B.V. All rights reserved PBHV2160Z Datasheet HTML 5Page - Nexperia B.V. All rights reserved PBHV2160Z Datasheet HTML 6Page - Nexperia B.V. All rights reserved PBHV2160Z Datasheet HTML 7Page - Nexperia B.V. All rights reserved PBHV2160Z Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBHV2160Z Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PBHV2160Z
600 V, 0.1 A NPN high-voltage low VCEsat (BISS) transistor
24 June 2015
Product data sheet
1. General description
NPN high-voltage low VCEsat Breakthrough In Small Signal (BISS) transistor in a SOT223
(SC-73) medium power Surface-Mounted Device (SMD) plastic package.
PNP complement: PBHV3160Z
2. Features and benefits
• Low collector-emitter saturation voltage VCEsat
• High collector current capability
• High collector current gain hFE at high IC
3. Applications
• Electronic ballast for fluorecent lighting
• LED driver for LED chain module
• LCD backlighting
• HID front lighting
• Hook switch for wired telecom
• Switch Mode Power Supply (SMPS)
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter
voltage
open base
-
-
600
V
IC
collector current
-
-
0.1
A


Similar Part No. - PBHV2160Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBHV2160Z PHILIPS-PBHV2160Z_15 Datasheet
205Kb / 13P
600 V, 0.1 A NPN high-voltage low VCEsat (BISS) transistor
24 June 2015
More results

Similar Description - PBHV2160Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBHV8115Z NXP-PBHV8115Z Datasheet
124Kb / 12P
150 V, 1 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 01-5 February 2008
PBHV8540T NXP-PBHV8540T_09 Datasheet
115Kb / 12P
500 V, 0.5 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 02-14 January 2009
PBHV8115T215 NXP-PBHV8115T215 Datasheet
113Kb / 13P
150 V, 1 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 02-9 December 2008
PBHV2160Z PHILIPS-PBHV2160Z_15 Datasheet
205Kb / 13P
600 V, 0.1 A NPN high-voltage low VCEsat (BISS) transistor
24 June 2015
logo
Nexperia B.V. All right...
PBHV8215Z NEXPERIA-PBHV8215Z Datasheet
277Kb / 13P
150 V, 2 A NPN high-voltage low VCEsat (BISS) transistor
PBHV8560Z NEXPERIA-PBHV8560Z Datasheet
705Kb / 13P
600 V, 0.5 A NPN high-voltage low VCEsat (BISS) transistor
PBHV3160Z NEXPERIA-PBHV3160Z Datasheet
701Kb / 14P
600 V, 0.1 A PNP high-voltage low VCEsat (BISS) transistor
PBHV9560Z NEXPERIA-PBHV9560Z Datasheet
706Kb / 14P
600 V, 0.5 A PNP high-voltage low VCEsat (BISS) transistor
PBHV8115Z NEXPERIA-PBHV8115Z Datasheet
248Kb / 13P
150 V, 1 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 02 - 9 December 2008
PBHV8118T NEXPERIA-PBHV8118T Datasheet
286Kb / 14P
180 V, 1 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 01 - 7 May 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com