Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAFC161PI Datasheet(PDF) 118 Page - Infineon Technologies AG

Part # SAFC161PI
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC161PI Datasheet(HTML) 118 Page - Infineon Technologies AG

Back Button SAFC161PI Datasheet HTML 114Page - Infineon Technologies AG SAFC161PI Datasheet HTML 115Page - Infineon Technologies AG SAFC161PI Datasheet HTML 116Page - Infineon Technologies AG SAFC161PI Datasheet HTML 117Page - Infineon Technologies AG SAFC161PI Datasheet HTML 118Page - Infineon Technologies AG SAFC161PI Datasheet HTML 119Page - Infineon Technologies AG SAFC161PI Datasheet HTML 120Page - Infineon Technologies AG SAFC161PI Datasheet HTML 121Page - Infineon Technologies AG SAFC161PI Datasheet HTML 122Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 400 page
background image
&3,
&ORFN*HQHUDWLRQ
User’s Manual
6-2
1999-08
6.1
Oscillator
The main oscillator of the C161PI is a power optimized Pierce oscillator providing an
inverter and a feedback element. Pins XTAL1 and XTAL2 connect the inverter to the
external crystal. The standard external oscillator circuitry (see figure below) comprises
the crystal, two low end capacitors and series resistor (Rx2) to limit the current through
the crystal. The additional LC combination is only required for 3rd overtone crystals to
suppress oscillation in the fundamental mode. A test resistor (R
Q) may be temporarily
inserted to measure the oscillation allowance of the oscillator circuitry.
Figure 6-2
External Oscillator Circuitry
The on-chip oscillator is optimized for an input frequency range of 1 to 16 MHz.
An external clock signal (e.g. from an external oscillator or from a master device) may
be fed to the input XTAL1. The Pierce oscillator then is not required to support the
oscillation itself but is rather driven by the input signal. In this case the input frequency
range may be 0 to 50 MHz (please note that the maximum applicable input frequency is
limited by the device’s maximum CPU frequency).
For input frequencies above 25...30 MHz the oscillator’s output should be terminated as
shown in the figure below, at lower frequencies it may be left open. This termination
improves the operation of the oscillator by filtering out frequencies above the intended
oscillator frequency.
XTAL1
XTAL2
Rx2
R
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com