Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAFC161PI Datasheet(PDF) 119 Page - Infineon Technologies AG

Part # SAFC161PI
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC161PI Datasheet(HTML) 119 Page - Infineon Technologies AG

Back Button SAFC161PI Datasheet HTML 115Page - Infineon Technologies AG SAFC161PI Datasheet HTML 116Page - Infineon Technologies AG SAFC161PI Datasheet HTML 117Page - Infineon Technologies AG SAFC161PI Datasheet HTML 118Page - Infineon Technologies AG SAFC161PI Datasheet HTML 119Page - Infineon Technologies AG SAFC161PI Datasheet HTML 120Page - Infineon Technologies AG SAFC161PI Datasheet HTML 121Page - Infineon Technologies AG SAFC161PI Datasheet HTML 122Page - Infineon Technologies AG SAFC161PI Datasheet HTML 123Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 400 page
background image
&3,
&ORFN*HQHUDWLRQ
User’s Manual
6-3
1999-08
Figure 6-3
Oscillator Output Termination
Note: It is strongly recommended to measure the oscillation allowance (or margin) in the
final target system (layout) to determine the optimum parameters for the oscillator
operation.
3k
Ω
15pF
XTAL1
XTAL2
Input clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com