Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAFC161PI Datasheet(PDF) 128 Page - Infineon Technologies AG

Part # SAFC161PI
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC161PI Datasheet(HTML) 128 Page - Infineon Technologies AG

Back Button SAFC161PI Datasheet HTML 124Page - Infineon Technologies AG SAFC161PI Datasheet HTML 125Page - Infineon Technologies AG SAFC161PI Datasheet HTML 126Page - Infineon Technologies AG SAFC161PI Datasheet HTML 127Page - Infineon Technologies AG SAFC161PI Datasheet HTML 128Page - Infineon Technologies AG SAFC161PI Datasheet HTML 129Page - Infineon Technologies AG SAFC161PI Datasheet HTML 130Page - Infineon Technologies AG SAFC161PI Datasheet HTML 131Page - Infineon Technologies AG SAFC161PI Datasheet HTML 132Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 400 page
background image
&3,
3DUDOOHO 3RUWV
User’s Manual
7-2
1999-08
A write operation to a port pin configured as an input causes the value to be written into
the port output latch, while a read operation returns the latched state of the pin itself. A
read-modify-write operation reads the value of the pin, modifies it, and writes it back to
the output latch.
Writing to a pin configured as an output (DPx.y=‘1’) causes the output latch and the pin
to have the written value, since the output buffer is enabled. Reading this pin returns the
value of the output latch. A read-modify-write operation reads the value of the output
latch, modifies it, and writes it back to the output latch, thus also modifying the level at
the pin.
7.1
Input Threshold Control
The standard inputs of the C161PI determine the status of input signals according to TTL
levels. In order to accept and recognize noisy signals, CMOS-like input thresholds can
be selected instead of the standard TTL thresholds for all pins of specific ports. These
special thresholds are defined above the TTL thresholds and feature a defined
hysteresis to prevent the inputs from toggling while the respective input signal level is
near the thresholds.
The Port Input Control register PICON allows to select these thresholds for each byte of
the indicated ports, i.e. 8-bit ports are controlled by one bit each while 16-bit ports are
controlled by two bits each.
PICON
Port Input Control Register
ESFR (F1C4
H/E2H)
Reset value: - - 00
H
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
--
-
P4L
IN
P3H
IN
P3L
IN
--
-
-
-
-
-
-
-
-
-
-
-
rw
rw
rw
-
-
Bit
Function
PxLIN
Port x Low Byte Input Level Selection
0:
Pins Px[7-0] switch on standard TTL input levels
1:
Pins Px[7-0] switch on special threshold input levels
PxHIN
Port x High Byte Input Level Selection
0:
Pins Px[15-8] switch on standard TTL input levels
1:
Pins Px[15-8] switch on special threshold input levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com