Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP12201 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SIP12201
Description  Synchronous Step Down Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12201 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SIP12201 Datasheet HTML 2Page - Vishay Siliconix SIP12201 Datasheet HTML 3Page - Vishay Siliconix SIP12201 Datasheet HTML 4Page - Vishay Siliconix SIP12201 Datasheet HTML 5Page - Vishay Siliconix SIP12201 Datasheet HTML 6Page - Vishay Siliconix SIP12201 Datasheet HTML 7Page - Vishay Siliconix SIP12201 Datasheet HTML 8Page - Vishay Siliconix SIP12201 Datasheet HTML 9Page - Vishay Siliconix SIP12201 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.vishay.com
6
Document Number: 73541
S-52083–Rev. A, 10-Oct-05
Vishay Siliconix
SiP12201
New Product
TYPICAL CHARACTERISTICS
OSCILLATOR FREQUENCY Vs TEMPERATURE
TEMPERATURE (°C)
400
450
500
550
600
-45
-10
25
60
95
130
Vin = 5.5 V to 26 V
Vin = 4.2 V
FEEDBACK THRESHOLD Vs TEMPERATURE
-45
-10
25
60
95
130
TEMPERATURE (°C)
0.585
0.595
0.605
0.615
Vin = 4.2 V to 26 V
MAX DUTY CYCLE Vs TEMPERATURE
85
90
95
100
-45
-10
25
60
95
130
TEMPERATURE (°C)
Vin = 5.5 V to 26 V
Vin = 4.2 V
CURRENT SENSE VOLTAGE Vs TEMPERATURE
-220
-200
-180
-160
-140
-120
-45
-10
25
60
95
130
TEMPERATURE (°C)
Vin = 5.5 V to 26 V
Vin = 4.2 V
EFFICIENCY Vs. LOAD CURRENT
LOAD CURRENT (A)
50
55
60
65
70
75
80
85
90
95
100
024
6
8
10
Vin = 20.0 V
Vin = 15.0 V
Vin = 10.0 V
Vin = 5.0 V
VOUT = 2.5 V
OUTPUT VOLTAGE Vs. LOAD CURRENT
LOAD CURRENT (A)
2.48
2.485
2.49
2.495
2.5
2.505
2.51
2.515
2.52
0246
8
10
Vin = 20.0 V
Vin = 5.0 V
Vin = 15.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com