Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP12201 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SIP12201
Description  Synchronous Step Down Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12201 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SIP12201 Datasheet HTML 3Page - Vishay Siliconix SIP12201 Datasheet HTML 4Page - Vishay Siliconix SIP12201 Datasheet HTML 5Page - Vishay Siliconix SIP12201 Datasheet HTML 6Page - Vishay Siliconix SIP12201 Datasheet HTML 7Page - Vishay Siliconix SIP12201 Datasheet HTML 8Page - Vishay Siliconix SIP12201 Datasheet HTML 9Page - Vishay Siliconix SIP12201 Datasheet HTML 10Page - Vishay Siliconix SIP12201 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.vishay.com
8
Document Number: 73541
S-52083–Rev. A, 10-Oct-05
Vishay Semiconductors
SiP12201
New Product
TYPICAL WAVEFORMS
1
µs/div
VIN = 12 V, VOUT = 2.5 V, Load Current = 5 A, L = 1.5 µH,
COUT = 220 uF X 2
Typical Switching Waveform
1 ms/div
VIN = 12 V, VOUT = 2.5 V, Load Current = 1 A,
Output Filter Cap = 220 uF X 2
Soft Start
1 ms/div
VIN = 12 V, VOUT = 2.5 V, Load Current = 1 A,
Output Filter Cap = 220 uF X 2
Shut Down
DH = 10 V/div
V
LX = 10 V/div
DL = 10 V/div
Inductor Current
2 A/div
Comp/SD = 1 V/div
V
OUT = 1 V/div
Inductor Current
5 A/div
Comp/SD = 1 V/div
V
OUT = 1 V/div
Inductor Current
5 A/div
10
µs/div
VIN = 12 V, VOUT = 2.5 V, Load Current = 1 A to 8 A Step,
L = 1.5
µH, C
OUT = 220 uF X 2
Load Transient Response
1
µs/div
VIN = 12 V, VOUT = 2.5 V, Load Current = 1 A,
L = 1.5
µH, C
OUT = 220 uF X 2
Output Voltage Ripple
V
OUT = 500 mV/div
Inductor Current
2 A/div
V
OUT = 20 mV/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com