Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP12201 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP12201
Description  Synchronous Step Down Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12201 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP12201 Datasheet HTML 1Page - Vishay Siliconix SIP12201 Datasheet HTML 2Page - Vishay Siliconix SIP12201 Datasheet HTML 3Page - Vishay Siliconix SIP12201 Datasheet HTML 4Page - Vishay Siliconix SIP12201 Datasheet HTML 5Page - Vishay Siliconix SIP12201 Datasheet HTML 6Page - Vishay Siliconix SIP12201 Datasheet HTML 7Page - Vishay Siliconix SIP12201 Datasheet HTML 8Page - Vishay Siliconix SIP12201 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
4
Document Number: 73541
S-52083–Rev. A, 10-Oct-05
Vishay Siliconix
SiP12201
New Product
FUNCTIONAL BLOCK DIAGRAM
DETAILED OPERATIONAL DESCRIPTION
Enable/ON State:
The COMP/SD pin has 10 µA pull up current to ensure
auto startup as soon as the pin is released by the
external pull down MOS. When the internal reference
is ready, there will be a clamp current applied at
COMP/SD; this is to ensure the COMP/SD pin will not
go below 600 mV inadvertently due to the amplifier
excursion or noise. The COMP/SD has to go above
600 mV to enable the chip fully.
Disable/Shutdown/Off State
To disable the chip, the COMP/SD pin has to pulled
below 150 mV typically and the external pull down
MOSFET has to be able to sink at least 250 µA. Once
the pin reaches a voltage below the 150 mV level, the
chip will go into shutdown mode with only essential
curcuitry alive and the current bias of the chip will be
cut down to 120 µA level typically. Both High Side and
Low Side Gates are off.
UVLO:
The chip enters into Under Voltage Lockout when VL
is below 3.4 V (typical). Both High Side Gate and Low
Side Gate will be turned off. The chip will go out of
UVLO mode when VL is above 3.6 V (typical).
Soft Start:
Once the chip is out of shutdown and UVLO mode, the
soft start is initiated. The soft start is accomplished
done by ramping up the internal reference. During soft
start mode the chip can not enter into fault mode. If
there is an over current condition (current limit condi-
tion), the High Side Gate will be turned off and the Low
Side will be turned on. Once the soft start timing
elapses, the chip enters into a normal state of opera-
tion.
Output Over Voltage State:
When the Output voltage goes above 1.083 times
nominal Output Voltage, the High Side Gate will be
turned off and the Low Side Gate will be on. The con-
dition will persist until the Output voltage drops below
the trigger voltage minus a hysteresis.
Output Over Current State:
The SiP12201 will enter a cycle by cycle over current
condition when the Low Side MOSFET is turned on,
the LX voltage falls below -170 mV with respect to
Power Ground. As long as the LX voltage remains
below -170 mV the Low Side MOSFET is still turned
on, the High Side MOSFET is off. If this condition
remains for seven consecutive cycles the IC will go
into a fault state. If the over current condition is
removed before seven consecutive cycles the IC will
revert to normal mode.
UVLO
Soft Start
OSC
500KHz
Vin
SD/Comp
VL
DH
DL
FB
Agnd
LX
SiP12201
BST
Over Current
Sense
Shut Down
Over
Temp
Gate Control
Logic
BBM
GM
Pgnd
PWM Comp
Comp
0.6 V
∆Vosc
Regulator
VL
VL
Over
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com