Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP12201 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP12201
Description  Synchronous Step Down Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12201 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP12201 Datasheet HTML 1Page - Vishay Siliconix SIP12201 Datasheet HTML 2Page - Vishay Siliconix SIP12201 Datasheet HTML 3Page - Vishay Siliconix SIP12201 Datasheet HTML 4Page - Vishay Siliconix SIP12201 Datasheet HTML 5Page - Vishay Siliconix SIP12201 Datasheet HTML 6Page - Vishay Siliconix SIP12201 Datasheet HTML 7Page - Vishay Siliconix SIP12201 Datasheet HTML 8Page - Vishay Siliconix SIP12201 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Vishay Siliconix
SiP12201
New Product
Document Number: 73541
S-52083–Rev. A, 10-Oct-05
www.vishay.com
1
Synchronous Step Down Controller
FEATURES
• 4.2 V to 26.0 V Input Voltage Range
• Adjustable Output Voltage - 0.6 to 5.5 V
• For Converter loads up to 10 A
• High efficiency - 93%
• Uses N-channel MOSFETs
• 500 kHz operation
• Internal Soft Start
• Shutdown pin
• Output Current Limit
• Minimum External Components
• MLP33-10 Package
APPLICATIONS
• Distributed Power
• Desktop & Notebook Computers
• Battery Operated Equipment
• Point of Load Regulation
• DSP Cores
• Automotive Entertainment
DESCRIPTION
SiP12201 is a synchronous step down controller
designed for use in dc-dc converter circuits requiring
output currents as high as 10 amperes. SiP12201 is
designed to require a minimum number of external
components, simplifying design and layout. It accepts
input voltages from 4.2 V to 26.0 V, providing an
adjustable output with voltage ranging from 0.6 V to 5 V.
SiP12201 includes an combination Compensation/
Shutdown pin. Protection features include undervolt-
age lockout, output current limit, and thermal shut-
down.
SiP12201 is available in a lead (Pb)-free MLP33-10
package and is specified to operate over the range of
- 40 °C to 85 °C.
TYPICAL APPLICATION CIRCUIT
Compensation
Shutdown
GND
V
IN
V
OUT
PGND
AGND
V
COMP/SD
FB
DH
LX
DL
IN
VIN
VL
AGND
PGND


Similar Part No. - SIP12201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
Synchronous Step Down Controller
10-Oct-05
SIP12202DM-T1-E3 VISHAY-SIP12202DM-T1-E3 Datasheet
768Kb / 10P
Synchronous Step Down Controller
10-Oct-05
More results

Similar Description - SIP12201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
Synchronous Step Down Controller
10-Oct-05
logo
Texas Instruments
TPS51117 TI-TPS51117 Datasheet
1Mb / 22P
SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
NCP5212A ONSEMI-NCP5212A_09 Datasheet
356Kb / 19P
Single Synchronous Step-Down Controller
August, 2009 ??Rev. 3
logo
Texas Instruments
TPS53114PWR TI-TPS53114PWR Datasheet
954Kb / 27P
SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
Synchronous Step-down PWM Controller
June 4, 2015
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
Synchronous Step-Down PWM Controller
August 31, 2015
logo
ON Semiconductor
NCP5217A ONSEMI-NCP5217A_11 Datasheet
279Kb / 16P
Single Synchronous Step-Down Controller
May, 2011 ??Rev. 2
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
Synchronous Step-Down PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com