Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5461A Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS5461A
Description  Single Phase, Bi-directional Power/Energy IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461A Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS5461A Datasheet HTML 9Page - Cirrus Logic CS5461A Datasheet HTML 10Page - Cirrus Logic CS5461A Datasheet HTML 11Page - Cirrus Logic CS5461A Datasheet HTML 12Page - Cirrus Logic CS5461A Datasheet HTML 13Page - Cirrus Logic CS5461A Datasheet HTML 14Page - Cirrus Logic CS5461A Datasheet HTML 15Page - Cirrus Logic CS5461A Datasheet HTML 16Page - Cirrus Logic CS5461A Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
CS5461A
DS661F1
13
4. THEORY OF OPERATION
The CS5461A is a dual-channel analog-to-digital con-
verter (ADC) followed by a computation engine that per-
forms
power
calculations
and
energy-to-pulse
conversion. The flow diagram for the two data paths is
depicted in Figure 2. The analog inputs are structured
with two dedicated channels, voltage and current, then
optimized to simplify interfacing to sensing elements.
The voltage-sensing element introduces a voltage
waveform on the voltage channel input VIN± and is sub-
ject to a gain of 10x. A second-order, delta-sigma mod-
ulator samples the amplified signal for digitization.
Simultaneously, the current-sensing element introduces
a voltage waveform on the current channel input IIN±
and is subject to the two selectable gains of the pro-
grammable gain amplifier (PGA). The amplified signal is
sampled by a fourth-order, delta-sigma modulator for
digitization. Both converters sample at a rate of
MCLK/8, the over-sampling provides a wide dynamic
range and simplified anti-alias filter design.
4.1 Digital Filters
The decimating digital filters on both channels are Sinc3
filters followed by 4th-order, IIR filters. The single-bit
data is passed to the low-pass decimation filter and out-
put at a fixed word rate. The output word is passed to
the IIR filter to compensate for the magnitude roll-off of
the low-pass filtering operation.
An optional digital High-pass Filter (HPF in Figure 2) re-
moves any DC component from the selected signal
path. By removing the DC component from the voltage
and/or the current channel, any DC content will also be
removed from the calculated active power as well. With
both HPFs enabled, the DC component will be removed
from the calculated VRMS and IRMS as well as the appar-
ent power.
4.2 Voltage and Current Measurements
The digital filter output word is then subject to a DC off-
set adjustment and a gain calibration (See Section 7.
System Calibration on page 33). The calibrated mea-
surement is available to the user by reading the instan-
taneous voltage and current registers.
The Root Mean Square (RMS) calculations are per-
formed on N instantaneous voltage and current sam-
ples, Vn and In respectively (where N is the cycle count),
using the formula:
and likewise for VRMS, using Vn. IRMS and VRMS are ac-
cessible by register reads, which are updated once ev-
ery cycle count (referred to as a computational cycle).
4.3 Power Measurements
The instantaneous voltage and current samples are
multiplied to obtain the instantaneous power (see Fig-
ure 2). The product is then averaged over N conver-
sions to compute active power and used to drive energy
pulse outputs E1, E2 and E3. Output E3 provides a uni-
form pulse stream that is proportional to the active pow-
er and is designed for system calibration.
To generate a value for the accumulated active energy
over the last computation cycle, the active power can be
multiplied by the time duration of the computation cycle.
VOLTAGE
SINC3
+
X
V*
gn
X
V *
CURRENT
SINC3
+
X
I*
gn
DELAY
REG
DELAY
REG
HPF
Option
X
I*
RMS
V*
RMS
E1
IIR
I *
I
DCoff*
V
DCoff*
PGA
IIR
X
+
+
Σ
Σ
Energy-to-pulse
X
E3
+ Σ
X
+
Configuration Register *
Digital Filter
Digital Filter
HPF
Option
X
S *
2nd Order
∆Σ
Modulator
4th Order
∆Σ
Modulator
x10
+
I
ACoff*
Σ
+
+
V
ACoff*
Σ
+
E2
√
N
÷
N
Σ
N
÷
N
Σ
P
*
Active
√
N
÷
N
Σ
Poff*
P*
X
X
SYS
Gain *
PC6 PC5 PC4 PC3 PC2 PC1 PC0
6
PulseRateE
1,2
*
PulseRateE
3 *
Energy-to-pulse
*DENOTES REGISTER NAME.
Figure 2. Data Flow.
IRMS
In
n0
=
N1
–
∑
N
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com