Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5461A Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5461A
Description  Single Phase, Bi-directional Power/Energy IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461A Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5461A Datasheet HTML 10Page - Cirrus Logic CS5461A Datasheet HTML 11Page - Cirrus Logic CS5461A Datasheet HTML 12Page - Cirrus Logic CS5461A Datasheet HTML 13Page - Cirrus Logic CS5461A Datasheet HTML 14Page - Cirrus Logic CS5461A Datasheet HTML 15Page - Cirrus Logic CS5461A Datasheet HTML 16Page - Cirrus Logic CS5461A Datasheet HTML 17Page - Cirrus Logic CS5461A Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
CS5461A
14
DS661F1
The apparent power is the combination of the active
power and reactive power, without reference to an im-
pedance phase angle, and is calculated by the
CS5461A using the following formula:
The apparent power is registered once every computa-
tion cycle.
4.4 Linearity Performance
The linearity of the VRMS, IRMS, and active power mea-
surements (before calibration) will be within ±0.1% of
reading over the ranges specified, with respect to the in-
put voltage levels required to cause full-scale readings
in the IRMS and VRMS registers. Refer to Linearity Per-
formance Specifications on page 7.
Until the CS5461A is calibrated, the accuracy of the
CS5461A (with respect to a reference line-voltage and
line-current level on the power mains) is not guaranteed
to within ±0.1%. See Section 7. System Calibration on
page 33. The accuracy of the internal calculations can
often be improved by selecting a value for the Cycle
Count Register that will cause the time duration of one
computation cycle to be equal to (or very close to) a
whole-number of power-line cycles (and N must be
greater than or equal to 4000).
SVRMS IRMS
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com