Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5461A Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5461A
Description  Single Phase, Bi-directional Power/Energy IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461A Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5461A Datasheet HTML 12Page - Cirrus Logic CS5461A Datasheet HTML 13Page - Cirrus Logic CS5461A Datasheet HTML 14Page - Cirrus Logic CS5461A Datasheet HTML 15Page - Cirrus Logic CS5461A Datasheet HTML 16Page - Cirrus Logic CS5461A Datasheet HTML 17Page - Cirrus Logic CS5461A Datasheet HTML 18Page - Cirrus Logic CS5461A Datasheet HTML 19Page - Cirrus Logic CS5461A Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
CS5461A
16
DS661F1
INT pin will become active if the DRDY bit is unmasked
in the Mask Register. When these bits are set, they
must be cleared (logic 0) by the user before they can be
asserted again.
If the Cycle Count Register (N) is set to 1, all output cal-
culations are instantaneous, and DRDY, like CRDY, will
indicate when instantaneous measurements are fin-
ished. Some calculations are inhibited when the cycle
count is less than 2.
5.4 Energy Pulse Output
The CS5461A provides three output pins for energy reg-
istration. The E1 and E2 pins provide a simple interface
which energy can be registered. These pins are de-
signed to directly connect to a stepper motor or electro-
mechanical counter. E1 and E2 pins can be set to one
of four pulse output formats, Normal, Alternate, Stepper
Motor, or Mechanical Counter. Table 2 defines the
pulse output format, which is controlled by bits ALT in
the Configuration Register, and MECH and STEP in the
Control Register.
The E3 pin is designated for system calibration, the
pulse rate can be selected to reach a frequency of
512 kHz.
The pulse output frequency of E1 and E2 is directly pro-
portional to the active power calculated from the input
signals. To calculate the output frequency on E1 and
E2, the following transfer function can be utilized:
With MCLK = 4.096 MHz, PF = 1, and default settings,
the pulses will have an average frequency equal to the
frequency setting in the PulseRateE1,2 Register when
the input signals applied to the voltage and current
channels cause full-scale readings in the instantaneous
voltage and current registers. When MCLK/K is not
equal to 4.096 MHz, the user should scale the
PulseRateE1,2 Register
by
a
factor
of
4.096 MHz/(MCLK/K) to get the actual pulse rate out-
put.
5.4.1 Normal Format
The Normal format is the default. Figure 3 illustrates the
output format on pins E1 and E2. The E1 pin outputs ac-
tive-low pulses with a frequency proportional to the ac-
tive power. The E2 pin is the energy direction indicator.
Positive energy is represented by a pulse on the E1 pin
while the E2 pin remains high. Negative energy is rep-
resented by synchronous pulses on both the E1 pin and
the E2 pin.
The PulseRateE1,2 Register defines the average fre-
quency on output pin E1, when full-scale input signals
are applied to the voltage and current channels. The
maximum
pulse
frequency
from
the
E1
pin
ALT
STEP
MECH
FORMAT
000
Normal
0
X
1
Mechanical Counter
0
1
0
Stepper Motor
1
X
1
Alternate Pulse
Table 2. E1 and E2 Pulse Output Format
FREQE = Average frequency of E1 and E2 pulses [Hz]
VIN = rms voltage across VIN+ and VIN- [V]
VGAIN = Voltage channel gain
IIN = rms voltage across IIN+ and IIN- [V]
IGAIN = Current channel gain
PF = Power Factor
PulseRateE1,2 = Maximum frequency on E1 and E2 [Hz]
VREFIN = Voltage at VREFIN pin [V]
FREQE
VIN VGAIN
×
IIN
×
IGAIN
PF
×
PulseRateE12
,
×
×
VREFIN
2
------------------------------------------------------------------------------------------------------------------------------------------------
=
E1
P o s itiv e E nergy B u rs t
N e g a tiv e E nergy B u rs t
. . .
. . .
. . .
. . .
E2
t
du r
Figure 3. Normal Format on pulse outputs E1 and E2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com