Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5461A Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS5461A
Description  Single Phase, Bi-directional Power/Energy IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461A Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS5461A Datasheet HTML 32Page - Cirrus Logic CS5461A Datasheet HTML 33Page - Cirrus Logic CS5461A Datasheet HTML 34Page - Cirrus Logic CS5461A Datasheet HTML 35Page - Cirrus Logic CS5461A Datasheet HTML 36Page - Cirrus Logic CS5461A Datasheet HTML 37Page - Cirrus Logic CS5461A Datasheet HTML 38Page - Cirrus Logic CS5461A Datasheet HTML 39Page - Cirrus Logic CS5461A Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
CS5461A
36
DS661F1
8. AUTO-BOOT MODE USING E2PROM
When the CS5461A MODE pin is asserted (logic 1), the
CS5461A auto-boot mode is enabled. In auto-boot
mode, the CS5461A downloads the required com-
mands and register data from an external serial
E2PROM, allowing the CS5461A to begin performing
energy measurements.
8.1 Auto-Boot Configuration
A typical auto-boot serial connection between the
CS5461A and a E2PROM is illustrated in Figure 14. In
auto-boot mode, the CS5461A’s CS and SCLK are con-
figured as outputs. The CS5461A asserts CS, provides
a clock on SCLK, and sends a read command to the
E2PROM on SDO. The CS5461A reads the user-speci-
fied commands and register data presented on the SDI
pin. The E2PROM’s programmed data is utilized by the
CS5461A to change the designated registers’ default
values and begin registering energy.
Figure 14 also shows the external connections that
would be made to a calibrator device, such as a PC or
custom calibration board. When the metering system is
installed, the calibrator would be used to control calibra-
tion and/or to program user-specified commands and
calibration values into the E2PROM. The user-specified
commands/data will determine the CS5461A’s exact
operation, when the auto-boot initialization sequence is
running. Any of the valid commands can be used.
8.2 Auto-Boot Data for E2PROM
Below is an example code set for an auto-boot se-
quence. This code is written into the E2PROM by the us-
er. The serial data for such a sequence is shown below
in single-byte, hexidecimal notation:
- 40 00 00 61
Write Configuration Register, turn high-pass filters
on, set K=1.
- 44 7F C4 A9
Write value of 0x7FC4A9 to Current Gain
Register.
- 48 FF B2 53
Write value of 0xFFB253 to Voltage Gain
Register.
- 4C 00 7D 00
Set PulseRateE1,2 Register to 1000 Hz.
- 74 00 00 04
Unmask bit #2 (LSD) in the Mask Register).
- E8
Start continuous conversions
- 78 00 01 00
Write STOP bit to Control Register, to terminate
auto-boot initialization sequence.
8.3 Suggested E2PROM Devices
Several industry-standard, serial E2PROMs that will
successfully run auto-boot with the CS5461A are listed
below:
•
Atmel AT25010, AT25020 or AT25040
•
National Semiconductor NM25C040M8 or NM25020M8
•
Xicor X25040SI
These types of serial E2PROMs expect a specific 8-bit
command (00000011) in order to perform a memory
read. The CS5461A has been hardware programmed to
transmit this 8-bit command to the E2PROM at the be-
ginning of the auto-boot sequence.
Figure 14. Typical Interface of E2PROM to CS5461A
CS5461A
EEPROM
EOUT1
EOUT2
MODE
SCLK
SDI
SDO
CS
SCK
SO
SI
CS
Connector to Calibrator
VD+
5 K
5 K
Mech. Counter
Stepper Motor
or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com