Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5461A Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS5461A
Description  Single Phase, Bi-directional Power/Energy IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461A Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS5461A Datasheet HTML 25Page - Cirrus Logic CS5461A Datasheet HTML 26Page - Cirrus Logic CS5461A Datasheet HTML 27Page - Cirrus Logic CS5461A Datasheet HTML 28Page - Cirrus Logic CS5461A Datasheet HTML 29Page - Cirrus Logic CS5461A Datasheet HTML 30Page - Cirrus Logic CS5461A Datasheet HTML 31Page - Cirrus Logic CS5461A Datasheet HTML 32Page - Cirrus Logic CS5461A Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
CS5461A
DS661F1
29
6.11 Current and Voltage AC Offset Register ( VACoff , IACoff )
Address: 16 (Current AC Offset); 17 (Voltage AC Offset)
Default = 0x000000
The AC Offset Registers (VACoff, IACoff) are initialized to zero on reset, allowing for uncalibrated normal operation.
AC Offset Calibration updates these registers. This sequence lasts approximately (6N + 30) ADC cycles (where
N is the value of the Cycle Count Register). DRDY will be asserted at the end of the calibration. These values
may be read and stored for future system AC offset compensation. The value is represented in two's comple-
ment notation and in the range of -1.0
≤ VACoff, IACoff < 1.0, with the binary point to the right of the MSB.
6.12 PulseRateE3 Register
Address: 18
Default = 0xFA0000 = 32000.00 Hz
PulseRateE3 sets the frequency of the E3 pulses. The register’s smallest valid frequency is 2
-4 with 2-5 incre-
mental steps. A pulse rate higher than (MCLK/K)/8 will result in a pulse rate setting of (MCLK/K)/8. The value
is represented in unsigned notation, with the binary point to the right of bit #5.
6.13 Temperature Register ( T )
Address: 19
T contains measurements from the on-chip temperature sensor. Measurements are performed during continu-
ous conversions, with the default the Celsius scale (oC). The value is represented in two's complement notation
and in the range of -128.0
≤ T < 128.0, with the binary point to the right of the eighth MSB.
6.14 System Gain Register ( SYSGain )
Address: 20
Default = 0x500000 = 1.25
System Gain (SYSGain) determines the one’s density of the channel measurements. Small changes in the mod-
ulator due to temperature can be fine adjusted by changing the system gain. The value is represented in two's
complement notation and in the range of -2.0
< SYSGain < 2.0, with the binary point to the right of the second
MSB.
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
218
217
216
215
214
213
212
211
.....
21
20
2-1
2-2
2-3
2-4
2-5
MSB
LSB
-(27)26
25
24
23
22
21
20
.....
2-10
2-11
2-12
2-13
2-14
2-15
2-16
MSB
LSB
-(21)20
2-1
2-2
2-3
2-4
2-5
2-6
.....
2-16
2-17
2-18
2-19
2-20
2-21
2-22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com