Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX68002QF Datasheet(PDF) 14 Page - ASIX Electronics Corporation

Part # AX68002QF
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX68002QF Datasheet(HTML) 14 Page - ASIX Electronics Corporation

Back Button AX68002QF Datasheet HTML 10Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 11Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 12Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 13Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 14Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 15Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 16Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 17Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 18Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
14
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
1.4 AX6800x Pinout Diagram
AX68002 is housed in a 64-pin QFN package.
Figure 1-2: AX68002 Pinout Diagram
AX68002
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VSS_FLASH
VDD_FLASH
TEST_MODE
SYSCK_SEL
BURN_FLASH_EN
VDDK
BURN_FLASH_921K
BUZZER / MSS2
VSS
P20 / MSS1
VDDIO
P05 / MSCLK / SSCLK
P22 / DB_CKO
P23 / DB_DO
VDDK
P24 / CTS1
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
VDDA_USB
U0_DP
U0_DM
VSSA_USB
U1_DP
U1_DM
VDDA_PLL
VSSA_PLL
XOUT
XIN
VDDK
RXD0
TXD0
VDDIO
U1_VBUS
U0_VBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com