Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX68002QF Datasheet(PDF) 43 Page - ASIX Electronics Corporation

Part # AX68002QF
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX68002QF Datasheet(HTML) 43 Page - ASIX Electronics Corporation

Back Button AX68002QF Datasheet HTML 39Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 40Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 41Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 42Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 43Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 44Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 45Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 46Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 47Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
43
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
4.3 Power-On-Reset (POR) Specification
Below figures and table shows the two POR circuit spec during power ramp-up/down.
Symbol
Description
Conditions
Min.
Typ.
Max.
Units
VDDIO
Power supply voltage to be detected
-
3.3
V
V
rr
VDDIO rise relax voltage
-
2.85
V
V
fr
VDDIO fall release voltage
-
2.1
V
V
hs
Power trigger Hysteresis
-
0.15
V
Trst
Reset time after POR trigger up
VDDIO slew
rate = 2.5V /
1ms
50
μs
Tdrop
Drop time of VDDIO to reset
VDDIO slew
rate = 2.5V /
1ms
50
μs
VDDIO
POR Output
Vrr
Vfr
Tdrop
Trst



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com