Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX68002QF Datasheet(PDF) 35 Page - ASIX Electronics Corporation

Part # AX68002QF
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX68002QF Datasheet(HTML) 35 Page - ASIX Electronics Corporation

Back Button AX68002QF Datasheet HTML 31Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 32Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 33Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 34Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 35Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 36Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 37Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 38Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 39Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
35
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
Multi-function Pin Setting 2 (0x03)
Bit
7
6
5
4
3
2
1
0
Name
Reserved
SPI_SW_
PSEL
BUZZER
_PSEL
USB_D1_
PSEL
USB_D0_
PSEL
Reset Value
0
0
0
0
Bit
Name
Description
0
USB_D0
_PSEL
USB Down Stream Port 0 Pin Select.
This selects the desired pin function of below multi-function pins (USB D0 or port 0).
QFN
Pin #
LQFP
Pin #
USB_D0_PSEL
= 0
= 1
42
65
D0_VBEN
P00
40
63
D0_VOC
P01
Note: if MP0_10_PSEL = 1’b0, the USB_D0_PSEL will be forced to 1’b0 automatically.
1
USB_D1
_PSEL
USB Down Stream Port 1 Pin Select.
This selects the desired pin function of below multi-function pins (USB D1 or port 0).
QFN
Pin #
LQFP
Pin #
USB_D1_PSEL
= 0
= 1
41
64
D1_VBEN
P02
39
62
D1_VOC
P03
Note: if MP0_32_PSEL = 1’b0, the USB_D1_PSEL will be forced to 1’b0 automatically.
2
BUZZER
_PSEL
Buzzer Pin Select.
This selects the desired pin function of below multi-function pins (Buzzer or MSS2).
QFN
Pin #
LQFP
Pin #
BUZZER_PSEL
= 0
= 1
25
40
BUZZER
MSS2
Note: if MP1_7_PSEL = 1’b1, the BUZZER_PSEL will be forced to 1’b0 automatically.
3
SPI_SW_
PSEL
SPI Master and Slave pin swap.
Set this bit to 1 will swap the pin between SPI master and Slave.
QFN
Pin #
LQFP
Pin #
MP3_30_PSEL
= 0
= 1
P04
P04
MSS0
SSS
P05
P05
MSCLK
SSCLK
P06
P06
MMOSI
SMOSI
P07
P07
MMISO
SMISO
P30
P30
SSS
MSS0
P31
P31
SSCLK
MSCLK
P32
P32
SMOSI
MMOSI
P33
P33
SMISO
MMISO
7:4
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com