Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX68002QF Datasheet(PDF) 27 Page - ASIX Electronics Corporation

Part # AX68002QF
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX68002QF Datasheet(HTML) 27 Page - ASIX Electronics Corporation

Back Button AX68002QF Datasheet HTML 23Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 24Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 25Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 26Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 27Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 28Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 29Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 30Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 31Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
27
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
2.9 Power Management Unit
Table 2-1 below lists the 3 possible modes of operation of AX6800x, namely Full Speed mode, STOP mode, Deep
Sleep mode. For typical power consumption of AX6800x in these operation modes, please refer to Section 4.2.
Operation Mode
Description
Full Speed
The operating system clock of CPU and peripherals is running at full clock rate (i.e.,
48 or 96 MHz, depending on SYSCK_SEL setting).
STOP
The STOP mode is when CPU is in complete stop mode, the operating system clock of
CPU and peripherals is turned off, but the 12MHz crystal oscillation and 96MHz PLL
clock still run.
Deep Sleep
The Deep Sleep mode is when CPU is in complete stop mode, the operating system
clock of CPU and peripherals is turned off, and the 12MHz crystal oscillation and
96MHz PLL clock are turned off too.
Table 2-1: Three Power Management Operation Modes of AX6800x
2.10 Timers and Counters
The CPU of AX6800x provides three 16-bit timer/counters, namely, Timer 0, Timer 1, and a fully compatible with
the standard 8052 Timer 2, and one dedicated Millisecond Timer, which is programmable with 1ms resolution for
software use.
In the “timer mode”, timer registers are incremented in every 12 or 4 operating system clock periods when
appropriate timer is enabled. In the “counter mode”, the timer registers are incremented at every falling transition
on their corresponding input pins: TM0_CK, TM1_CK or TM2_CK. The input pins are sampled at every operating
system clock period.
2.11 UARTs
AX6800x supports 2 UART interfaces, namely, UART 0 and High Speed UART 1. The UART 0 has the same
functionality as standard 8051 UARTs and both support full duplex and receive double-buffered, meaning it can
commence reception of a second byte before a previously received byte has been read from the receive register.
The High Speed UART 1 of AX6800x is compatible with standard 16550 device architecture that provides serial
communication capabilities to communicate with Modem or other external device (e.g. computer) using RS-232 or
RS-485 protocols. The High Speed UART 1 supports transfer baud rate up to 921.6 Kbps, provides 16-byte
Transmitter and Receiver FIFO for data buffering, supports DMA mode burst transfer for data receive and transmit
process, and supports Auto-hardware flow control (Auto-RTS and Auto-CTS) and Auto-software flow control
(Auto-send and Auto-detect Xon and Xoff characters) to reduce CPU/software loading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com