Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX68002QF Datasheet(PDF) 45 Page - ASIX Electronics Corporation

Part # AX68002QF
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX68002QF Datasheet(HTML) 45 Page - ASIX Electronics Corporation

Back Button AX68002QF Datasheet HTML 41Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 42Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 43Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 44Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 45Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 46Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 47Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 48Page - ASIX Electronics Corporation AX68002QF Datasheet HTML 49Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
45
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
Power-down Sequence
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tfall3
3.3V power supply fall time.
From 3.3V to 0V.
-
>1
-
s
Tfall2
1.8V power supply fall time.
From 1.8V to 0V.
-
700
-
ms
T32
VDDIO falling from 3.3V to VDDK
falling from 1.8V interval.
-
8
-
ms
Tclk
12MHz crystal oscillator stop time.
VDDIO falling from 3.3V to
last clock transition of
12MHz crystal oscillator.
-
100
-
ms
Trst3
VDD3IO falling from 3.3V to POR
asserted low level interval.
-
6.5
-
ms
Trst2
POR asserted low level to VDDK
falling from 1.8V interval.
-
1.5
-
ms
Note: The above typical timing data is measured from AX6800x test board.
Figure 4-2: Power-down Sequence Timing Diagram and Table
0V
3.3V
Tfall3
0V
1.8V
Tfall2
T32
Tclk
Trst3
Trst2
VDDK/VDDA_PLL/
VDD_FLASH
VDDIO/VDDA_USB
POR
XIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com