Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2127 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # PCF2127
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2127 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button PCF2127 Datasheet HTML 44Page - NXP Semiconductors PCF2127 Datasheet HTML 45Page - NXP Semiconductors PCF2127 Datasheet HTML 46Page - NXP Semiconductors PCF2127 Datasheet HTML 47Page - NXP Semiconductors PCF2127 Datasheet HTML 48Page - NXP Semiconductors PCF2127 Datasheet HTML 49Page - NXP Semiconductors PCF2127 Datasheet HTML 50Page - NXP Semiconductors PCF2127 Datasheet HTML 51Page - NXP Semiconductors PCF2127 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 100 page
background image
PCF2127
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 8 — 19 December 2014
48 of 100
NXP Semiconductors
PCF2127
Accurate RTC with integrated quartz crystal for industrial applications
8.12 Timestamp function
The PCF2127 has an active LOW timestamp input pin TS, internally pulled with an
on-chip pull-up resistor to Voper(int). It also has a timestamp detection circuit which can
detect two different events:
1. Input on pin TS is driven to an intermediate level between power supply and ground.
2. Input on pin TS is driven to ground.
The timestamp function is enabled by default after power-on and it can be switched off by
setting the control bit TSOFF (register Timestp_ctl).
A most common application of the timestamp function is described in Ref. 3 “AN11266”.
See Section 8.13.6 for a description of interrupt generation from the timestamp function.
8.12.1 Timestamp flag
1. When the TS input pin is driven to an intermediate level between the power supply
and ground, either on the falling edge from VDD or on the rising edge from ground,
then the following sequence occurs:
a. The actual date and time are stored in the timestamp registers.
b. The timestamp flag TSF1 (register Control_1) is set.
c. If the TSIE bit (register Control_2) is active, an interrupt on the INT pin is
generated.
The TSF1 flag can be cleared by command. Clearing the flag clears the interrupt.
Once TSF1 is cleared, it will only be set again when a new negative or positive edge
on pin TS is detected.
2. When the TS input pin is driven to ground, the following sequence occurs:
a. The actual date and time are stored in the timestamp registers.
b. In addition to the TSF1 flag, the TSF2 flag (register Control_2) is set.
(1) When using switches or push-buttons, it is recommended to connect a 1 nF capacitance to the TS
pin to ensure proper switching.
Fig 26. Timestamp detection with two push-buttons on the TS pin (for example, for
tamper detection)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com