Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2127 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF2127
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2127 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF2127 Datasheet HTML 3Page - NXP Semiconductors PCF2127 Datasheet HTML 4Page - NXP Semiconductors PCF2127 Datasheet HTML 5Page - NXP Semiconductors PCF2127 Datasheet HTML 6Page - NXP Semiconductors PCF2127 Datasheet HTML 7Page - NXP Semiconductors PCF2127 Datasheet HTML 8Page - NXP Semiconductors PCF2127 Datasheet HTML 9Page - NXP Semiconductors PCF2127 Datasheet HTML 10Page - NXP Semiconductors PCF2127 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 100 page
background image
PCF2127
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 8 — 19 December 2014
7 of 100
NXP Semiconductors
PCF2127
Accurate RTC with integrated quartz crystal for industrial applications
• The register at address 0Fh defines the temperature measurement period and the
clock out mode. The temperature measurement can be selected from every 4 minutes
(default) down to every 30 seconds (see Table 14). CLKOUT frequencies of
32.768 kHz (default) down to 1 Hz for use as system clock, microcontroller clock, and
so on, can be chosen (see Table 15).
• The registers at addresses 10h and 11h are used for the watchdog and countdown
timer functions. The watchdog timer has four selectable source clocks allowing for
timer periods from less than 1 ms to greater than 4 hours (see Table 58). Either the
watchdog timer or the countdown timer can be enabled (see Section 8.11). For the
watchdog timer, it is possible to select whether an interrupt or a pulse on the reset pin
is generated when the watchdog times out. For the countdown timer, it is only
possible that an interrupt is generated at the end of the countdown.
• The registers at addresses 12h to 18h are used for the timestamp function. When the
trigger event happens, the actual time is saved in the timestamp registers (see
Section 8.12).
• The register at address 19h is used for the correction of the crystal aging effect (see
Section 8.4.1).
• The registers at addresses 1Ah and 1Bh define the RAM address. The register at
address 1Ch (RAM_wrt_cmd) is the RAM write command; register 1Dh
(RAM_rd_cmd) is the RAM read command. Data is transferred to or from the RAM by
the serial interface (see Section 8.5).
• The registers Seconds, Minutes, Hours, Days, Months, and Years are all coded in
Binary Coded Decimal (BCD) format to simplify application use. Other registers are
either bit-wise or standard binary.
When one of the RTC registers is written or read, the content of all counters is temporarily
frozen. This prevents a faulty writing or reading of the clock and calendar during a carry
condition (see Section 8.9.8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com