Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2127 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF2127
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2127 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF2127 Datasheet HTML 2Page - NXP Semiconductors PCF2127 Datasheet HTML 3Page - NXP Semiconductors PCF2127 Datasheet HTML 4Page - NXP Semiconductors PCF2127 Datasheet HTML 5Page - NXP Semiconductors PCF2127 Datasheet HTML 6Page - NXP Semiconductors PCF2127 Datasheet HTML 7Page - NXP Semiconductors PCF2127 Datasheet HTML 8Page - NXP Semiconductors PCF2127 Datasheet HTML 9Page - NXP Semiconductors PCF2127 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 100 page
background image
PCF2127
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 8 — 19 December 2014
6 of 100
NXP Semiconductors
PCF2127
Accurate RTC with integrated quartz crystal for industrial applications
8.
Functional description
The PCF2127 is a Real Time Clock (RTC) and calendar with an on-chip Temperature
Compensated Crystal (Xtal) Oscillator (TCXO) and a 32.768 kHz quartz crystal integrated
into the same package (see Section 8.3.3).
Address and data are transferred by a selectable 400 kHz Fast-mode I2C-bus or a 3 line
SPI-bus with separate data input and output (see Section 9). The maximum speed of the
SPI-bus is 6.5 Mbit/s.
The PCF2127 has a backup battery input pin and backup battery switch-over circuit which
monitors the main power supply. The backup battery switch-over circuit automatically
switches to the backup battery when a power failure condition is detected (see
Section 8.6.1). Accurate timekeeping is maintained even when the main power supply is
interrupted.
A battery low detection circuit monitors the status of the battery (see Section 8.6.2). When
the battery voltage drops below a certain threshold value, a flag is set to indicate that the
battery must be replaced soon. This ensures the integrity of the data during periods of
battery backup.
8.1 Register overview
The PCF2127 contains an auto-incrementing address register: the built-in address
register will increment automatically after each read or write of a data byte up to the
register 1Bh. After register 1Bh, the auto-incrementing will wrap around to address 00h
(see Figure 5).
• The first three registers (memory address 00h, 01h, and 02h) are used as control
registers (see Section 8.2).
• The memory addresses 03h through to 09h are used as counters for the clock
function (seconds up to years). The date is automatically adjusted for months with
fewer than 31 days, including corrections for leap years. The clock can operate in
12-hour mode with an AM/PM indication or in 24-hour mode (see Section 8.9).
• The registers at addresses 0Ah through 0Eh define the alarm function. It can be
selected that an interrupt is generated when an alarm event occurs (see
Section 8.10).
Fig 5.
Handling address registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com